Electronic Components Datasheet Search
  English  ▼

X  

AT60142HT Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT60142HT
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142HT Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT60142HT Datasheet HTML 4Page - ATMEL Corporation AT60142HT Datasheet HTML 5Page - ATMEL Corporation AT60142HT Datasheet HTML 6Page - ATMEL Corporation AT60142HT Datasheet HTML 7Page - ATMEL Corporation AT60142HT Datasheet HTML 8Page - ATMEL Corporation AT60142HT Datasheet HTML 9Page - ATMEL Corporation AT60142HT Datasheet HTML 10Page - ATMEL Corporation AT60142HT Datasheet HTML 11Page - ATMEL Corporation AT60142HT Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
AT60142HT
7841A–AERO–10/09
Ordering Information
Note:
1. Contact Atmel for availability.
2. Will be replaced by SMD part number when available.
3. Will be replaced by ESCC part number when available.
Part Number
Temperature Range
Speed
Package
Flow
AT60142HT-DS17M-E
25
°C
17 ns/5V tol.
FP36.5 grounded lid
Engineering Samples
AT60142HT-DS17MMQ(2)
-55
° to +125°C
17 ns/5V tol.
FP36.5 grounded lid
Mil Level B
AT60142HT-DS17MSV(2)
-55
° to +125°C
17 ns/5V tol.
FP36.5 grounded lid
Space Level B
AT60142HT-DS17MSR(2)
-55
° to +125°C
17 ns/5V tol.
FP36.5 grounded lid
Space Level B RHA
AT60142HT-DS17ESCC(3)
-55
° to +125°C
17 ns/5V tol.
FP36.5 grounded lid
ESCC
AT60142HT-DD17M-E(1)
25
⋅C
17 ns/5V tol.
Die
Engineering Samples
AT60142HT-DD17MSV(1)
-55
⋅ to +125⋅C
17 ns/5V tol.
Die
Space Level B
AT60142HT-DS15M-E(1)
25
°C
15 ns/5V tol.
FP36.5 grounded lid
Engineering Samples
AT60142HT-DS15MMQ(1) (2)
-55
° to +125°C
15 ns/5V tol.
FP36.5 grounded lid
Mil Level B
AT60142HT-DS15MSV(1) (2)
-55
° to +125°C
15 ns/5V tol.
FP36.5 grounded lid
Space Level B
AT60142HT-DS15MSR(1) (2)
-55
° to +125°C
15 ns/5V tol.
FP36.5 grounded lid
Space Level B RHA
AT60142HT-DS15ESCC(3)
-55
° to +125°C
15 ns/5V tol.
FP36.5 grounded lid
ESCC
AT60142HT-DD15M-E(1)
25
⋅C
15 ns/5V tol.
Die
Engineering Samples
AT60142HT-DD15MSV(1)
-55
⋅ to +125⋅C
15 ns/5V tol.
Die
Space Level B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com