Electronic Components Datasheet Search
  English  ▼

X  

AT60142HT Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT60142HT
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142HT Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT60142HT Datasheet HTML 4Page - ATMEL Corporation AT60142HT Datasheet HTML 5Page - ATMEL Corporation AT60142HT Datasheet HTML 6Page - ATMEL Corporation AT60142HT Datasheet HTML 7Page - ATMEL Corporation AT60142HT Datasheet HTML 8Page - ATMEL Corporation AT60142HT Datasheet HTML 9Page - ATMEL Corporation AT60142HT Datasheet HTML 10Page - ATMEL Corporation AT60142HT Datasheet HTML 11Page - ATMEL Corporation AT60142HT Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
AT60142HT
7841A–AERO–10/09
Package Drawing
36-lead Flat Pack (500 Mils)
Document Revision History
Creation from AT60142FT with the following changes :
•
Package DC removed
•
Update of parameters ICCSB, ICCSB1, ICCDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com