Electronic Components Datasheet Search
  English  ▼

X  

ATmega3250P Datasheet(PDF) 248 Page - ATMEL Corporation

Part # ATmega3250P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3250P Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button ATmega3250P Datasheet HTML 244Page - ATMEL Corporation ATmega3250P Datasheet HTML 245Page - ATMEL Corporation ATmega3250P Datasheet HTML 246Page - ATMEL Corporation ATmega3250P Datasheet HTML 247Page - ATMEL Corporation ATmega3250P Datasheet HTML 248Page - ATMEL Corporation ATmega3250P Datasheet HTML 249Page - ATMEL Corporation ATmega3250P Datasheet HTML 250Page - ATMEL Corporation ATmega3250P Datasheet HTML 251Page - ATMEL Corporation ATmega3250P Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 364 page
background image
248
8023F–AVR–07/09
ATmega325P/3250P
Table 23-7.
ATmega3250P Boundary-scan Order, 100-pin
Bit Number
Signal Name
Module
242
AC_IDLE
Comparator
241
ACO
240
ACME
239
AINBG
238
COMP
ADC
237
ACLK
236
ACTEN
235
PRIVATE_SIGNAL1(1)
234
ADCBGEN
233
ADCEN
232
AMPEN
231
DAC_9
230
DAC_8
229
DAC_7
228
DAC_6
227
DAC_5
226
DAC_4
225
DAC_3
224
DAC_2
223
DAC_1
222
DAC_0
221
EXTCH
220
GNDEN
219
HOLD
218
IREFEN
217
MUXEN_7
216
MUXEN_6
215
MUXEN_5
214
MUXEN_4
213
MUXEN_3
212
MUXEN_2
211
MUXEN_1
210
MUXEN_0
209
NEGSEL_2
208
NEGSEL_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com