Electronic Components Datasheet Search
  English  ▼

X  

ATmega3250P Datasheet(PDF) 252 Page - ATMEL Corporation

Part # ATmega3250P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3250P Datasheet(HTML) 252 Page - ATMEL Corporation

Back Button ATmega3250P Datasheet HTML 248Page - ATMEL Corporation ATmega3250P Datasheet HTML 249Page - ATMEL Corporation ATmega3250P Datasheet HTML 250Page - ATMEL Corporation ATmega3250P Datasheet HTML 251Page - ATMEL Corporation ATmega3250P Datasheet HTML 252Page - ATMEL Corporation ATmega3250P Datasheet HTML 253Page - ATMEL Corporation ATmega3250P Datasheet HTML 254Page - ATMEL Corporation ATmega3250P Datasheet HTML 255Page - ATMEL Corporation ATmega3250P Datasheet HTML 256Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 364 page
background image
252
8023F–AVR–07/09
ATmega325P/3250P
99
PD5.Pull-up_Enable
98
PD6.Data
97
PD6.Control
96
PD6.Pull-up_Enable
95
PD7.Data
94
PD7.Control
93
PD7.Pull-up_Enable
92
PG0.Data
Port G
91
PG0.Control
90
PG0.Pull-up_Enable
89
PG1.Data
88
PG1.Control
87
PG1.Pull-up_Enable
86
PC0.Data
Port C
85
PC0.Control
84
PC0.Pull-up_Enable
83
PC1.Data
82
PC1.Control
81
PC1.Pull-up_Enable
80
PC2.Data
79
PC2.Control
78
PC2.Pull-up_Enable
77
PC3.Data
76
PC3.Control
75
PC3.Pull-up_Enable
74
PC4.Data
73
PC4.Control
72
PC4.Pull-up_Enable
71
PC5.Data
70
PC5.Control
69
PC5.Pull-up_Enable
68
PH0.Data
Port H
67
PH0.Control
66
PH0.Pull-up_Enable
65
PH1.Data
64
PH1.Control
Table 23-7.
ATmega3250P Boundary-scan Order, 100-pin (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com