Electronic Components Datasheet Search
  English  ▼

X  

ATmega3250P Datasheet(PDF) 249 Page - ATMEL Corporation

Part # ATmega3250P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3250P Datasheet(HTML) 249 Page - ATMEL Corporation

Back Button ATmega3250P Datasheet HTML 245Page - ATMEL Corporation ATmega3250P Datasheet HTML 246Page - ATMEL Corporation ATmega3250P Datasheet HTML 247Page - ATMEL Corporation ATmega3250P Datasheet HTML 248Page - ATMEL Corporation ATmega3250P Datasheet HTML 249Page - ATMEL Corporation ATmega3250P Datasheet HTML 250Page - ATMEL Corporation ATmega3250P Datasheet HTML 251Page - ATMEL Corporation ATmega3250P Datasheet HTML 252Page - ATMEL Corporation ATmega3250P Datasheet HTML 253Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 364 page
background image
249
8023F–AVR–07/09
ATmega325P/3250P
207
NEGSEL_0
206
PASSEN
205
PRECH
204
ST
203
VCCREN
202
PE0.Data
Port E
201
PE0.Control
200
PE0.Pull-up_Enable
199
PE1.Data
198
PE1.Control
197
PE1.Pull-up_Enable
196
PE2.Data
195
PE2.Control
194
PE2.Pull-up_Enable
193
PE3.Data
192
PE3.Control
191
PE3.Pull-up_Enable
190
PE4.Data
189
PE4.Control
188
PE4.Pull-up_Enable
187
PE5.Data
186
PE5.Control
185
PE5.Pull-up_Enable
184
PE6.Data
183
PE6.Control
182
PE6.Pull-up_Enable
181
PE7.Data
180
PE7.Control
179
PE7.Pull-up_Enable
178
PJ0.Data
Port J
177
PJ0.Control
176
PJ0.Pull-up_Enable
175
PJ1.Data
174
PJ1.Control
173
PJ1.Pull-up_Enable
172
PB0.Data
Port B
Table 23-7.
ATmega3250P Boundary-scan Order, 100-pin (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com