Electronic Components Datasheet Search
  English  ▼

X  

ATmega164PA-CU Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATmega164PA-CU
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA-CU Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATmega164PA-CU Datasheet HTML 81Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 82Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 83Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 84Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 85Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 86Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 87Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 88Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 468 page
background image
85
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
• MOSI/PCINT13 – Port B, Bit 5
MOSI: SPI Master Data output, Slave Data input for SPI channel. When the SPI is enabled as a
slave, this pin is configured as an input regardless of the setting of DDB5. When the SPI is
enabled as a master, the data direction of this pin is controlled by DDB5. When the pin is forced
to be an input, the pull-up can still be controlled by the PORTB5 bit.
PCINT13, Pin Change Interrupt source 13: The PB5 pin can serve as an external interrupt
source.
•SS/OC0B/PCINT12 – Port B, Bit 4
SS: Slave Port Select input. When the SPI is enabled as a slave, this pin is configured as an
input regardless of the setting of DDB4. As a slave, the SPI is activated when this pin is driven
low. When the SPI is enabled as a master, the data direction of this pin is controlled by DDB4.
When the pin is forced to be an input, the pull-up can still be controlled by the PORTB4 bit.
OC0B, Output Compare Match B output: The PB4 pin can serve as an external output for the
Timer/Counter0 Output Compare. The pin has to be configured as an output (DDB4 set “one”) to
serve this function. The OC0B pin is also the output pin for the PWM mode timer function.
PCINT12, Pin Change Interrupt source 12: The PB4 pin can serve as an external interrupt
source.
• AIN1/OC0A/PCINT11, Bit 3
AIN1, Analog Comparator Negative input. This pin is directly connected to the negative input of
the Analog Comparator.
OC0A, Output Compare Match A output: The PB3 pin can serve as an external output for the
Timer/Counter0 Output Compare. The pin has to be configured as an output (DDB3 set “one”) to
serve this function. The OC0A pin is also the output pin for the PWM mode timer function.
PCINT11, Pin Change Interrupt source 11: The PB3 pin can serve as an external interrupt
source.
• AIN0/INT2/PCINT10, Bit 2
AIN0, Analog Comparator Positive input. This pin is directly connected to the positive input of
the Analog Comparator.
INT2, External Interrupt source 2. The PB2 pin can serve as an External Interrupt source to the
MCU.
PCINT10, Pin Change Interrupt source 10: The PB2 pin can serve as an external interrupt
source.
• T1/CLKO/PCINT9, Bit 1
T1, Timer/Counter1 counter source.
CLKO, Divided System Clock: The divided system clock can be output on the PB1 pin. The
divided system clock will be output if the CKOUT Fuse is programmed, regardless of the
PORTB1 and DDB1 settings. It will also be output during reset.
PCINT9, Pin Change Interrupt source 9: The PB1 pin can serve as an external interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com