Electronic Components Datasheet Search
  English  ▼

X  

ATmega164PA-CU Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATmega164PA-CU
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164PA-CU Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATmega164PA-CU Datasheet HTML 20Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 21Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 22Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 23Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 24Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 25Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 26Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 27Page - ATMEL Corporation ATmega164PA-CU Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 468 page
background image
24
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
7.6
Register Description
7.6.1
EEARH and EEARL – The EEPROM Address Register
• Bits 15:12 – Res: Reserved Bits
These bits are reserved bits in the ATmega164PA/324PA/644PA/1284P and will always read as
zero.
• Bits 11:0 – EEAR8:0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address in the
512/1K/2K/4K bytes EEPROM space. The EEPROM data bytes are addressed linearly between
0 and 511/1023/2047/4096. The initial value of EEAR is undefined. A proper value must be writ-
ten before the EEPROM may be accessed.
7.6.2
EEDR – The EEPROM Data Register
• Bits 7:0 – EEDR7:0: EEPROM Data
For the EEPROM write operation, the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
7.6.3
EECR – The EEPROM Control Register
• Bits 7:6 – Res: Reserved Bits
These bits are reserved bits in the ATmega164PA/324PA/644PA/1284P and will always read as
zero.
• Bits 5:4 – EEPM1 and EEPM0: EEPROM Programming Mode Bits
The EEPROM Programming mode bit setting defines which programming action that will be trig-
gered when writing EEPE. It is possible to program data in one atomic operation (erase the old
value and program the new value) or to split the Erase and Write operations in two different
Bit
15
141312
11
10
9
8
0x22 (0x42)
–
–
–
–
EEAR11
EEAR10
EEAR9
EEAR8
EEARH
0x21 (0x41)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
76
54
3
2
10
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
X
X
X
X
X
XXX
X
X
X
X
Bit
76543210
0x20 (0x40)
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7
65
43
2
1
0
0x1F (0x3F)
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
X
X
0
0
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com