Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 264 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 260Page - ATMEL Corporation ATmega16A Datasheet HTML 261Page - ATMEL Corporation ATmega16A Datasheet HTML 262Page - ATMEL Corporation ATmega16A Datasheet HTML 263Page - ATMEL Corporation ATmega16A Datasheet HTML 264Page - ATMEL Corporation ATmega16A Datasheet HTML 265Page - ATMEL Corporation ATmega16A Datasheet HTML 266Page - ATMEL Corporation ATmega16A Datasheet HTML 267Page - ATMEL Corporation ATmega16A Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 352 page
background image
264
8154B–AVR–07/09
ATmega16A
26. Memory Programming
26.1
Program And Data Memory Lock Bits
The ATmega16A provides six Lock bits which can be left unprogrammed (“1”) or can be pro-
grammed (“0”) to obtain the additional features listed in Table 26-2. The Lock bits can only be
erased to “1” with the Chip Erase command.
Note:
1. “1” means unprogrammed, “0” means programmed
Table 26-1.
Lock Bit Byte(1)
Lock Bit Byte
Bit No.
Description
Default Value
7
–
1 (unprogrammed)
6
–
1 (unprogrammed)
BLB12
5
Boot Lock bit
1 (unprogrammed)
BLB11
4
Boot Lock bit
1 (unprogrammed)
BLB02
3
Boot Lock bit
1 (unprogrammed)
BLB01
2
Boot Lock bit
1 (unprogrammed)
LB2
1
Lock bit
1 (unprogrammed)
LB1
0
Lock bit
1 (unprogrammed)
Table 26-2.
Lock Bit Protection Modes
Memory Lock Bits(2)
Protection Type
LB Mode
LB2
LB1
1
1
1
No memory lock features enabled.
21
0
Further programming of the Flash and EEPROM is disabled in
Parallel and SPI/JTAG Serial Programming mode. The Fuse bits
are locked in both Serial and Parallel Programming mode.(1)
30
0
Further programming and verification of the Flash and EEPROM
is disabled in Parallel and SPI/JTAG Serial Programming mode.
The Fuse bits are locked in both Serial and Parallel
Programming mode.(1)
BLB0 Mode
BLB02
BLB01
11
1
No restrictions for SPM or LPM accessing the Application
section.
2
1
0
SPM is not allowed to write to the Application section.
30
0
SPM is not allowed to write to the Application section, and LPM
executing from the Boot Loader section is not allowed to read
from the Application section. If interrupt vectors are placed in the
Boot Loader section, interrupts are disabled while executing
from the Application section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com