Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 263 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 259Page - ATMEL Corporation ATmega16A Datasheet HTML 260Page - ATMEL Corporation ATmega16A Datasheet HTML 261Page - ATMEL Corporation ATmega16A Datasheet HTML 262Page - ATMEL Corporation ATmega16A Datasheet HTML 263Page - ATMEL Corporation ATmega16A Datasheet HTML 264Page - ATMEL Corporation ATmega16A Datasheet HTML 265Page - ATMEL Corporation ATmega16A Datasheet HTML 266Page - ATMEL Corporation ATmega16A Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 352 page
background image
263
8154B–AVR–07/09
ATmega16A
Note:
1. Z15:Z14: always ignored
Z0: should be zero for all SPM commands, byte select for the LPM instruction.
See “Addressing the Flash during Self-Programming” on page 256 for details about the use of
Z-pointer during Self-Programming.
Table 25-8.
Explanation of Different Variables used in Figure 25-3 and the Mapping to the Z-
pointer
Variable
Corresponding
Z-value(1)
Description
PCMSB
12
Most significant bit in the Program Counter. (The
Program Counter is 13 bits PC[12:0])
PAGEMSB
5
Most significant bit which is used to address the
words within one page (64 words in a page requires
6 bits PC [5:0]).
ZPCMSB
Z13
Bit in Z-register that is mapped to PCMSB. Because
Z0 is not used, the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z6
Bit in Z-register that is mapped to PAGEMSB.
Because Z0 is not used, the ZPAGEMSB equals
PAGEMSB + 1.
PCPAGE
PC[12:6]
Z13:Z7
Program Counter page address: Page select, for
Page Erase and Page Write
PCWORD
PC[5:0]
Z6:Z1
Program Counter word address: Word select, for
filling temporary buffer (must be zero during page
write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com