Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 266 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 266 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 262Page - ATMEL Corporation ATmega16A Datasheet HTML 263Page - ATMEL Corporation ATmega16A Datasheet HTML 264Page - ATMEL Corporation ATmega16A Datasheet HTML 265Page - ATMEL Corporation ATmega16A Datasheet HTML 266Page - ATMEL Corporation ATmega16A Datasheet HTML 267Page - ATMEL Corporation ATmega16A Datasheet HTML 268Page - ATMEL Corporation ATmega16A Datasheet HTML 269Page - ATMEL Corporation ATmega16A Datasheet HTML 270Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 352 page
background image
266
8154B–AVR–07/09
ATmega16A
4. Never ship a product with the OCDEN Fuse programmed regardless of the setting of Lock bits
and the JTAGEN Fuse. A programmed OCDEN Fuse enables some parts of the clock system
to be running in all sleep modes. This may increase the power consumption.
5. If the JTAG interface is left unconnected, the JTAGEN fuse should if possible be disabled. This
to avoid static current at the TDO pin in the JTAG interface.
Notes:
1. The default value of SUT1:0 results in maximum start-up time. SeeTable 8-9 on page 29 for
details.
2. The default setting of CKSEL3:0 results in internal RC Oscillator @ 1MHz. See Table 8-1 on
page 25 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
26.2.1
Latching of Fuses
The Fuse values are latched when the device enters programming mode and changes of the
Fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
26.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space.
For the ATmega16A the signature bytes are:
1.
$000: $1E (indicates manufactured by Atmel)
2.
$001: $94 (indicates 16KB Flash memory)
3.
$002: $03 (indicates ATmega16A device when $001 is $94)
26.4
Calibration Byte
The ATmega16A stores four different calibration values for the internal RC Oscillator. These
bytes resides in the signature row High Byte of the addresses 0x0000, 0x0001, 0x0002, and
0x0003 for 1, 2, 4, and 8 Mhz respectively. During Reset, the 1 MHz value is automatically
loaded into the OSCCAL Register. If other frequencies are used, the calibration value has to be
loaded manually, see “OSCCAL – Oscillator Calibration Register” on page 31 for details.
Table 26-4.
Fuse Low Byte
Fuse Low
Byte
Bit No.
Description
Default Value
BODLEVEL
7
Brown-out Detector trigger level
1 (unprogrammed)
BODEN
6
Brown-out Detector enable
1 (unprogrammed, BOD disabled)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
CKSEL3
3
Select Clock source
0 (programmed)(2)
CKSEL2
2
Select Clock source
0 (programmed)(2)
CKSEL1
1
Select Clock source
0 (programmed)(2)
CKSEL0
0
Select Clock source
1 (unprogrammed)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com