Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 269 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 269 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 265Page - ATMEL Corporation ATmega16A Datasheet HTML 266Page - ATMEL Corporation ATmega16A Datasheet HTML 267Page - ATMEL Corporation ATmega16A Datasheet HTML 268Page - ATMEL Corporation ATmega16A Datasheet HTML 269Page - ATMEL Corporation ATmega16A Datasheet HTML 270Page - ATMEL Corporation ATmega16A Datasheet HTML 271Page - ATMEL Corporation ATmega16A Datasheet HTML 272Page - ATMEL Corporation ATmega16A Datasheet HTML 273Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 352 page
background image
269
8154B–AVR–07/09
ATmega16A
26.7
Parallel Programming
26.7.1
Enter Programming Mode
The following algorithm puts the device in Parallel Programming mode:
1.
Apply 4.5 - 5.5V between V
CC and GND, and wait at least 100 µs.
2.
Set RESET to “0” and toggle XTAL1 at least 6 times
3.
Set the Prog_enable pins listed in Table 26-8 on page 268 to “0000” and wait at least
100 ns.
4.
Apply 11.5 - 12.5V to RESET. Any activity on Prog_enable pins within 100 ns after
+12V has been applied to RESET, will cause the device to fail entering Programming
mode.
Note, if External Crystal or External RC configuration is selected, it may not be possible to apply
qualified XTAL1 pulses. In such cases, the following algorithm should be followed:
1.
Set Prog_enable pins listed in Table 26-8 on page 268 to “0000”.
2.
Apply 4.5 - 5.5V between V
CC and GND simultaneously as 11.5 - 12.5V is applied to
RESET.
3.
Wait 100 µs.
4.
Re-program the fuses to ensure that External Clock is selected as clock source
(CKSEL3:0 = 0b0000) If Lock bits are programmed, a Chip Erase command must be
executed before changing the fuses.
5.
Exit Programming mode by power the device down or by bringing RESET pin to 0b0.
6.
Entering Programming mode with the original algorithm, as described above.
26.7.2
Considerations for Efficient Programming
• The loaded command and address are retained in the device during programming. For
efficient programming, the following should be considered.
• The command needs only be loaded once when writing or reading multiple memory
locations.
• Skip writing the data value $FF, that is the contents of the entire EEPROM (unless the
EESAVE Fuse is programmed) and Flash after a Chip Erase.
• Address High byte needs only be loaded before programming or reading a new 256 word
window in Flash or 256 byte EEPROM. This consideration also applies to Signature bytes
reading.
26.7.3
Chip Erase
The Chip Erase will erase the Flash and EEPROM
(1) memories plus Lock bits. The Lock bits are
not reset until the program memory has been completely erased. The Fuse bits are not
0000 1000
Read Signature Bytes and Calibration byte
0000 0100
Read Fuse and Lock bits
0000 0010
Read Flash
0000 0011
Read EEPROM
Table 26-10. Command Byte Bit Coding
Command Byte
Command Executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com