Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 272 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 272 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 268Page - ATMEL Corporation ATmega16A Datasheet HTML 269Page - ATMEL Corporation ATmega16A Datasheet HTML 270Page - ATMEL Corporation ATmega16A Datasheet HTML 271Page - ATMEL Corporation ATmega16A Datasheet HTML 272Page - ATMEL Corporation ATmega16A Datasheet HTML 273Page - ATMEL Corporation ATmega16A Datasheet HTML 274Page - ATMEL Corporation ATmega16A Datasheet HTML 275Page - ATMEL Corporation ATmega16A Datasheet HTML 276Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 352 page
background image
272
8154B–AVR–07/09
ATmega16A
Figure 26-3. Programming the Flash Waveforms
(1)
Note:
1. “XX” is don’t care. The letters refer to the programming description above.
Programming the
EEPROM
The EEPROM is organized in pages, see Table 26-6 on page 267. When programming the
EEPROM, the program data is latched into a page buffer. This allows one page of data to be
programmed simultaneously. The programming algorithm for the EEPROM data memory is as
follows (refer to “Programming the Flash” on page 270 for details on Command, Address and
Data loading):
1.
A: Load Command “0001 0001”.
2.
G: Load Address High Byte ($00 - $FF)
3.
B: Load Address Low Byte ($00 - $FF)
4.
C: Load Data ($00 - $FF)
5.
E: Latch data (give PAGEL a positive pulse)
K: Repeat 3 through 5 until the entire buffer is filled
L: Program EEPROM page
1.
Set BS1 to “0”.
2.
Give WR a negative pulse. This starts programming of the EEPROM page. RDY/BSY
goes low.
3.
Wait until to RDY/BSY goes high before programming the next page. (See Figure 26-4
for signal waveforms)
RDY/BSY
WR
OE
RESET +12V
PAGEL
BS2
$10
ADDR. LOW
ADDR. HIGH
DATA
DATA LOW
DATA HIGH
ADDR. LOW
DATA LOW
DATA HIGH
XA1
XA0
BS1
XTAL1
XX
XX
XX
AB
C
D
E
B
C
D
E
G
H
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com