Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 276 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 276 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 272Page - ATMEL Corporation ATmega16A Datasheet HTML 273Page - ATMEL Corporation ATmega16A Datasheet HTML 274Page - ATMEL Corporation ATmega16A Datasheet HTML 275Page - ATMEL Corporation ATmega16A Datasheet HTML 276Page - ATMEL Corporation ATmega16A Datasheet HTML 277Page - ATMEL Corporation ATmega16A Datasheet HTML 278Page - ATMEL Corporation ATmega16A Datasheet HTML 279Page - ATMEL Corporation ATmega16A Datasheet HTML 280Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 352 page
background image
276
8154B–AVR–07/09
ATmega16A
26.8
Serial Downloading
Both the Flash and EEPROM memory arrays can be programmed using the serial SPI bus while
RESET is pulled to GND. The serial interface consists of pins SCK, MOSI (input), and MISO
(output). After RESET is set low, the Programming Enable instruction needs to be executed first
before program/erase operations can be executed. NOTE, in Table 26-11 on page 276, the pin
mapping for SPI programming is listed. Not all parts use the SPI pins dedicated for the internal
SPI interface.
26.8.1
SPI Serial Programming Pin Mapping
Figure 26-7. SPI Serial Programming and Verify
(1)
Notes:
1. If the device is clocked by the Internal Oscillator, it is no need to connect a clock source to the
XTAL1 pin.
2. V
CC -0.3V < AVCC < VCC +0.3V, however, AVCC should always be within 2.7 - 5.5V
When programming the EEPROM, an auto-erase cycle is built into the self-timed programming
operation (in the serial mode ONLY) and there is no need to first execute the Chip Erase instruc-
tion. The Chip Erase operation turns the content of every memory location in both the Program
and EEPROM arrays into $FF.
Depending on CKSEL Fuses, a valid clock must be present. The minimum low and high periods
for the serial clock (SCK) input are defined as follows:
Low: > 2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck ≥ 12 MHz
High: > 2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck ≥ 12 MHz
Table 26-11. Pin Mapping SPI Serial Programming
Symbol
Pins
I/O
Description
MOSI
PB5
I
Serial Data in
MISO
PB6
O
Serial Data out
SCK
PB7
I
Serial Clock
VCC
GND
XTAL1
SCK
MISO
MOSI
RESET
PB5
PB6
PB7
+2.7 - 5.5V
AVCC
+2.7 - 5.5V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com