Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 273 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 273 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 269Page - ATMEL Corporation ATmega16A Datasheet HTML 270Page - ATMEL Corporation ATmega16A Datasheet HTML 271Page - ATMEL Corporation ATmega16A Datasheet HTML 272Page - ATMEL Corporation ATmega16A Datasheet HTML 273Page - ATMEL Corporation ATmega16A Datasheet HTML 274Page - ATMEL Corporation ATmega16A Datasheet HTML 275Page - ATMEL Corporation ATmega16A Datasheet HTML 276Page - ATMEL Corporation ATmega16A Datasheet HTML 277Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 352 page
background image
273
8154B–AVR–07/09
ATmega16A
Figure 26-4. Programming the EEPROM Waveforms
26.7.5
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to “Programming the Flash” on
page 270 for details on Command and Address loading):
1.
A: Load Command “0000 0010”.
2.
G: Load Address High Byte ($00 - $FF)
3.
B: Load Address Low Byte ($00 - $FF)
4.
Set OE to “0”, and BS1 to “0”. The Flash word Low byte can now be read at DATA.
5.
Set BS1 to “1”. The Flash word High byte can now be read at DATA.
6.
Set OE to “1”.
26.7.6
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to “Programming the Flash”
on page 270 for details on Command and Address loading):
1.
A: Load Command “0000 0011”.
2.
G: Load Address High Byte ($00 - $FF)
3.
B: Load Address Low Byte ($00 - $FF)
4.
Set OE to “0”, and BS1 to “0”. The EEPROM Data byte can now be read at DATA.
5.
Set OE to “1”.
26.7.7
Programming the Fuse Low Bits
The algorithm for programming the Fuse Low bits is as follows (refer to “Programming the Flash”
on page 270 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
RDY/BSY
WR
OE
RESET +12V
PAGEL
BS2
0x11
ADDR. HIGH
DATA
ADDR. LOW
DATA
ADDR. LOW
DATA
XX
XA1
XA0
BS1
XTAL1
XX
AG
B
C
E
B
C
E
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com