Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 277 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 277 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 273Page - ATMEL Corporation ATmega16A Datasheet HTML 274Page - ATMEL Corporation ATmega16A Datasheet HTML 275Page - ATMEL Corporation ATmega16A Datasheet HTML 276Page - ATMEL Corporation ATmega16A Datasheet HTML 277Page - ATMEL Corporation ATmega16A Datasheet HTML 278Page - ATMEL Corporation ATmega16A Datasheet HTML 279Page - ATMEL Corporation ATmega16A Datasheet HTML 280Page - ATMEL Corporation ATmega16A Datasheet HTML 281Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 352 page
background image
277
8154B–AVR–07/09
ATmega16A
26.8.2
SPI Serial Programming Algorithm
When writing serial data to the ATmega16A, data is clocked on the rising edge of SCK.
When reading data from the ATmega16A, data is clocked on the falling edge of SCK. See Figure
27-5 for timing details.
To program and verify the ATmega16A in the SPI Serial Programming mode, the following
sequence is recommended (See four byte instruction formats in Figure 26-13 on page 278
):
1.
Power-up sequence:
Apply power between V
CC and GND while RESET and SCK are set to “0”. In some sys-
tems, the programmer can not guarantee that SCK is held low during power-up. In this
case, RESET must be given a positive pulse of at least two CPU clock cycles duration
after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable SPI Serial Programming by sending the Program-
ming Enable serial instruction to pin MOSI.
3.
The SPI Serial Programming instructions will not work if the communication is out of
synchronization. When in sync. the second byte ($53), will echo back when issuing the
third byte of the Programming Enable instruction. Whether the echo is correct or not, all
four bytes of the instruction must be transmitted. If the $53 did not echo back, give
RESET a positive pulse and issue a new Programming Enable command.
4.
The Flash is programmed one page at a time. The page size is found in Table 26-5 on page
267
. The memory page is loaded one byte at a time by supplying the 6 LSB of the
address and data together with the Load Program Memory Page instruction. To ensure
correct loading of the page, the data Low byte must be loaded before data High byte is
applied for a given address. The Program Memory Page is stored by loading the Write
Program Memory Page instruction with the 7 MSB of the address. If polling is not used,
the user must wait at least t
WD_FLASH before issuing the next page. (See Table 26-12).
Accessing the SPI Serial Programming interface before the Flash write operation com-
pletes can result in incorrect programming.
5.
The EEPROM array is programmed one byte at a time by supplying the address and
data together with the appropriate Write instruction. An EEPROM memory location is
first automatically erased before new data is written. If polling is not used, the user must
wait at least t
WD_EEPROM before issuing the next byte. (See Table 26-12). In a chip
erased device, no $FFs in the data file(s) need to be programmed.
6.
Any memory location can be verified by using the Read instruction which returns the
content at the selected address at serial output MISO.
7.
At the end of the programming session, RESET can be set high to commence normal
operation.
8.
Power-off sequence (if needed):
Set RESET to “1”.
Turn V
CC power off.
26.8.3
Data Polling Flash
When a page is being programmed into the Flash, reading an address location within the page
being programmed will give the value $FF. At the time the device is ready for a new page, the
programmed value will read correctly. This is used to determine when the next page can be writ-
ten. Note that the entire page is written simultaneously and any address within the page can be
used for polling. Data polling of the Flash will not work for the value $FF, so when programming
this value, the user will have to wait for at least t
WD_FLASH before programming the next page. As
a chip erased device contains $FF in all locations, programming of addresses that are meant to
contain $FF, can be skipped. See Table 26-12 for t
WD_FLASH value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com