Electronic Components Datasheet Search
  English  ▼

X  

ATmega16A Datasheet(PDF) 302 Page - ATMEL Corporation

Part # ATmega16A
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16A Datasheet(HTML) 302 Page - ATMEL Corporation

Back Button ATmega16A Datasheet HTML 298Page - ATMEL Corporation ATmega16A Datasheet HTML 299Page - ATMEL Corporation ATmega16A Datasheet HTML 300Page - ATMEL Corporation ATmega16A Datasheet HTML 301Page - ATMEL Corporation ATmega16A Datasheet HTML 302Page - ATMEL Corporation ATmega16A Datasheet HTML 303Page - ATMEL Corporation ATmega16A Datasheet HTML 304Page - ATMEL Corporation ATmega16A Datasheet HTML 305Page - ATMEL Corporation ATmega16A Datasheet HTML 306Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 352 page
background image
302
8154B–AVR–07/09
ATmega16A
Notes:
1. Values are guidelines only.
2. Minimum for AVCC is 2.7V.
3. Maximum for AVCC is 5.5V.
27.10 Parallel Programming Characteristics
Figure 27-8. Parallel Programming Timing, Including some General Timing Requirements
Figure 27-9. Parallel Programming Timing, Loading Sequence with Timing Requirements
(1)
Note:
1. The timing requirements shown in Figure 27-8 (i.e., tDVXH, tXHXL, and tXLDX) also apply to load-
ing operation.
V
INT
Internal Voltage Reference
2.3
2.6
2.9
V
RREF
Reference Input Resistance
32
k
Ω
RAIN
Analog Input Resistance
100
M
Ω
Table 27-6.
ADC Characteristics (Continued)
Symbol
Parameter
Condition
Min(1)
Typ(1)
Max(1)
Units
Data & Contol
(DATA, XA0/1, BS1, BS2)
XTAL1
t
XHXL
t
WL WH
t
DVXH
t
XLDX
t
PLWL
t
WLRH
WR
RDY/BSY
PAGEL
t
PHPL
t
PLBX
t
BVPH
t
XLWL
t
WLBX
t
BVWL
WLRL
XTAL1
PAGEL
t
PLXH
XLXH
t
t
XLPH
ADDR0 (Low Byte)
DATA (Low Byte)
DATA (High Byte)
ADDR1 (Low Byte)
DATA
BS1
XA0
XA1
LOAD ADDRESS
(LOW BYTE)
LOAD DATA
(LOW BYTE)
LOAD DATA
(HIGH BYTE)
LOAD DATA
LOAD ADDRESS
(LOW BYTE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com