Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 225 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 221Page - ATMEL Corporation ATmega32A Datasheet HTML 222Page - ATMEL Corporation ATmega32A Datasheet HTML 223Page - ATMEL Corporation ATmega32A Datasheet HTML 224Page - ATMEL Corporation ATmega32A Datasheet HTML 225Page - ATMEL Corporation ATmega32A Datasheet HTML 226Page - ATMEL Corporation ATmega32A Datasheet HTML 227Page - ATMEL Corporation ATmega32A Datasheet HTML 228Page - ATMEL Corporation ATmega32A Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 352 page
background image
225
8155B–AVR–07/09
ATmega32A
22.9.3
ADCL and ADCH – The ADC Data Register
22.9.3.1
ADLAR = 0
22.9.3.2
ADLAR = 1
When an ADC conversion is complete, the result is found in these two registers. If differential
channels are used, the result is presented in two’s complement form.
When ADCL is read, the ADC Data Register is not updated until ADCH is read. Consequently, if
the result is left adjusted and no more than 8-bit precision is required, it is sufficient to read
ADCH. Otherwise, ADCL must be read first, then ADCH.
The ADLAR bit in ADMUX, and the MUXn bits in ADMUX affect the way the result is read from
the registers. If ADLAR is set, the result is left adjusted. If ADLAR is cleared (default), the result
is right adjusted.
• ADC9:0: ADC Conversion Result
These bits represent the result from the conversion, as detailed in “ADC Conversion Result” on
page 220.
Table 22-5.
ADC Prescaler Selections
ADPS2
ADPS1
ADPS0
Division Factor
000
2
001
2
010
4
011
8
100
16
101
32
110
64
111
128
Bit
151413121110
9
8
–
–
–
–
–
–
ADC9
ADC8
ADCH
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
76
54
32
10
Read/Write
RR
RR
RR
RR
RR
RR
RR
RR
Initial Value
0
0
0
0
0
0
0
0
00
00
00
00
Bit
151413121110
9
8
ADC9
ADC8
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADCH
ADC1
ADC0
–
–
–
–
–
–
ADCL
765
43
21
0
Read/Write
RR
RR
RR
RR
RR
RR
RR
RR
Initial Value
0
0
0
0
0
0
0
0
000
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com