Electronic Components Datasheet Search
  English  ▼

X  

ATmega32A Datasheet(PDF) 242 Page - ATMEL Corporation

Part # ATmega32A
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32A Datasheet(HTML) 242 Page - ATMEL Corporation

Back Button ATmega32A Datasheet HTML 238Page - ATMEL Corporation ATmega32A Datasheet HTML 239Page - ATMEL Corporation ATmega32A Datasheet HTML 240Page - ATMEL Corporation ATmega32A Datasheet HTML 241Page - ATMEL Corporation ATmega32A Datasheet HTML 242Page - ATMEL Corporation ATmega32A Datasheet HTML 243Page - ATMEL Corporation ATmega32A Datasheet HTML 244Page - ATMEL Corporation ATmega32A Datasheet HTML 245Page - ATMEL Corporation ATmega32A Datasheet HTML 246Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 352 page
background image
242
8155B–AVR–07/09
ATmega32A
24.5.6
Scanning the ADC
Figure 24-10 shows a block diagram of the ADC with all relevant control and observe signals. The Boundary-scan cell from
Figure 24-9 is attached to each of these signals. The ADC need not be used for pure connectivity testing, since all analog
inputs are shared with a digital port pin as well.
Figure 24-10. Analog to Digital Converter
The signals are described briefly in Table 24-5.
Table 24-4.
Boundary-scan Signals for the Analog Comparator
Signal
Name
Direction as Seen from
the Comparator
Description
Recommended Input
when Not in Use
Output Values when
Recommended Inputs are Used
AC_IDLE
Input
Turns off Analog
comparator when true
1
Depends upon µC code being
executed
ACO
Output
Analog Comparator
Output
Will become input to µC
code being executed
0
ACME
Input
Uses output signal from
ADC mux when true
0
Depends upon µC code being
executed
ACBG
Input
Bandgap Reference
enable
0
Depends upon µC code being
executed
10-bit DAC
+
-
AREF
PRECH
DACOUT
COMP
MUXEN_7
ADC_7
MUXEN_6
ADC_6
MUXEN_5
ADC_5
MUXEN_4
ADC_4
MUXEN_3
ADC_3
MUXEN_2
ADC_2
MUXEN_1
ADC_1
MUXEN_0
ADC_0
NEGSEL_2
ADC_2
NEGSEL_1
ADC_1
NEGSEL_0
ADC_0
EXTCH
+
-
+
-
10x
20x
G10
G20
ST
ACLK
AMPEN
2.56V
ref
IREFEN
AREF
VCCREN
DAC_9..0
ADCEN
HOLD
PRECH
GNDEN
PASSEN
ACTEN
SCTEST
ADCBGEN
To Comparator
1.22V
ref
AREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com