Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 326 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 326 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 322Page - ATMEL Corporation ATmega324PA Datasheet HTML 323Page - ATMEL Corporation ATmega324PA Datasheet HTML 324Page - ATMEL Corporation ATmega324PA Datasheet HTML 325Page - ATMEL Corporation ATmega324PA Datasheet HTML 326Page - ATMEL Corporation ATmega324PA Datasheet HTML 327Page - ATMEL Corporation ATmega324PA Datasheet HTML 328Page - ATMEL Corporation ATmega324PA Datasheet HTML 329Page - ATMEL Corporation ATmega324PA Datasheet HTML 330Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 468 page
background image
326
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash read using programming instruction 3a.
3.
Load the page address using programming instructions 3b, 3c and 3d. PCWORD (refer
to Table 26-7 on page 299) is used to address within one page and must be written as 0.
4.
Enter JTAG instruction PROG_PAGEREAD.
5.
Read the entire page (or Flash) by shifting out all instruction words in the page (or Flash),
starting with the LSB of the first instruction in the page (Flash) and ending with the MSB
of the last instruction in the page (Flash). The Capture-DR state both captures the data
from the Flash, and also auto-increments the program counter after each word is read.
Note that Capture-DR comes before the shift-DR state. Hence, the first byte which is
shifted out contains valid data.
6.
Enter JTAG instruction PROG_COMMANDS.
7.
Repeat steps 3 to 6 until all data have been read.
26.10.18 Programming the EEPROM
Before programming the EEPROM a Chip Erase must be performed, see “Performing Chip
Erase” on page 325.
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable EEPROM write using programming instruction 4a.
3.
Load address High byte using programming instruction 4b.
4.
Load address Low byte using programming instruction 4c.
5.
Load data using programming instructions 4d and 4e.
6.
Repeat steps 4 and 5 for all data bytes in the page.
7.
Write the data using programming instruction 4f.
8.
Poll for EEPROM write complete using programming instruction 4g, or wait for t
WLRH
(refer to Table 26-14 on page 309).
9.
Repeat steps 3 to 8 until all data have been programmed.
Note that the PROG_PAGELOAD instruction can not be used when programming the EEPROM.
26.10.19 Reading the EEPROM
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable EEPROM read using programming instruction 5a.
3.
Load address using programming instructions 5b and 5c.
4.
Read data using programming instruction 5d.
5.
Repeat steps 3 and 4 until all data have been read.
Note that the PROG_PAGEREAD instruction can not be used when reading the EEPROM.
26.10.20 Programming the Fuses
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Fuse write using programming instruction 6a.
3.
Load data high byte using programming instructions 6b. A bit value of “0” will program the
corresponding fuse, a “1” will unprogram the fuse.
4.
Write Fuse High byte using programming instruction 6c.
5.
Poll for Fuse write complete using programming instruction 6d, or wait for t
WLRH (refer to
Table 26-14 on page 309).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com