Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 330 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 330 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 326Page - ATMEL Corporation ATmega324PA Datasheet HTML 327Page - ATMEL Corporation ATmega324PA Datasheet HTML 328Page - ATMEL Corporation ATmega324PA Datasheet HTML 329Page - ATMEL Corporation ATmega324PA Datasheet HTML 330Page - ATMEL Corporation ATmega324PA Datasheet HTML 331Page - ATMEL Corporation ATmega324PA Datasheet HTML 332Page - ATMEL Corporation ATmega324PA Datasheet HTML 333Page - ATMEL Corporation ATmega324PA Datasheet HTML 334Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 468 page
background image
330
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
Notes:
1. All bits set in the ”PRR – Power Reduction Register” on page 49.
2. Typical values at 25
°C. Maximum values are test limits in production.
3. The current consumption values include input leakage current.
Notes:
1. All bits set in the ”PRR – Power Reduction Register” on page 49.
2. Typical values at 25
°C. Maximum values are test limits in production.
3. The current consumption values include input leakage current.
27.1.1
ATmega164PA DC Characteristics
Table 27-2.
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.(2)
Max.
Units
ICC
Power Supply Current(3)
Active 1 MHz, VCC = 2V
0.3
0.5
mA
Active 4 MHz, VCC = 3V
1.4
2.7
mA
Active 8 MHz, VCC = 5V
4.8
9
mA
Idle 1 MHz, VCC = 2V
0.07
0.15
mA
Idle 4 MHz, VCC = 3V
0.25
0.7
mA
Idle 8 MHz, VCC = 5V)
1
5
mA
Power-save mode(3)
32 kHz TOSC enabled,
VCC = 1.8V
0.5
µA
32 kHz TOSC enabled,
V
CC = 3V
0.6
µA
Power-down mode(3)
WDT enabled, VCC = 3V
5
8
µA
WDT disabled, VCC = 3V
0.17
2
µA
27.1.2
ATmega324PA DC Characteristics
Table 27-3.
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.(2)
Max.
Units
ICC
Power Supply Current(1)
Active 1 MHz, VCC = 2V
0.3
0.5
mA
Active 4 MHz, VCC = 3V
1.5
2.7
mA
Active 8 MHz, VCC = 5V
5.2
9
mA
Idle 1 MHz, VCC = 2V
0.06
0.15
mA
Idle 4 MHz, VCC = 3V
0.35
0.7
mA
Idle 8 MHz, VCC = 5V
1.3
5
mA
Power-save mode(3)
32 kHz TOSC enabled,
V
CC = 1.8V
0.5
µA
32 kHz TOSC enabled,
V
CC = 3V
0.6
µA
Power-down mode(3)
WDT enabled, VCC = 3V
4.2
8
µA
WDT disabled, VCC = 3V
0.15
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com