Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 334 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 334 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 330Page - ATMEL Corporation ATmega324PA Datasheet HTML 331Page - ATMEL Corporation ATmega324PA Datasheet HTML 332Page - ATMEL Corporation ATmega324PA Datasheet HTML 333Page - ATMEL Corporation ATmega324PA Datasheet HTML 334Page - ATMEL Corporation ATmega324PA Datasheet HTML 335Page - ATMEL Corporation ATmega324PA Datasheet HTML 336Page - ATMEL Corporation ATmega324PA Datasheet HTML 337Page - ATMEL Corporation ATmega324PA Datasheet HTML 338Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 468 page
background image
334
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
27.4
System and Reset Characteristics
Notes:
1. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling).
Note:
1. V
BOT may be below nominal minimum operating voltage for some devices. For devices where this is the case, the device is
tested down to VCC = VBOT during the production test. This guarantees that a Brown-Out Reset will occur before VCC drops to
a voltage where correct operation of the microcontroller is no longer guaranteed. The test is performed using
BODLEVEL = 101 and BODLEVEL = 110 for ATmega164PA/324PA.
27.5
External Interrupts Characteristics
Table 27-8.
Reset, Brown-out and Internal Voltage Reference Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold Voltage (rising)
1.1
1.4
1.6
V
Power-on Reset Threshold Voltage (falling)
(1)
0.6
1.3
1.6
V
VRST
RESET Pin Threshold Voltage
0.2VCC
0.9VCC
V
tRST
Minimum pulse width on RESET Pin
2.5
µs
V
HYST
Brown-out Detector Hysteresis
50
mV
tBOD
Min Pulse Width on Brown-out Reset
2
µs
VBG
Bandgap reference voltage
VCC= 2.7V, TA = 25°C1.0
1.1
1.2
V
tBG
Bandgap reference start-up time
V
CC= 2.7V, TA = 25°C40
70
µs
IBG
Bandgap reference current consumption
VCC= 2.7V, TA = 25°C10
µA
Table 27-9.
BODLEVEL Fuse Coding(1)
BODLEVEL 2:0 Fuses
Min V
BOT
Typ V
BOT
Max V
BOT
Units
111
BOD Disabled
110
1.7
1.8
2.0
V
101
2.5
2.7
2.9
100
4.1
4.3
4.5
011
Reserved
010
001
000
Table 27-10. Asynchronous External Interrupt Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
tINT
Minimum pulse width for asynchronous external interrupt
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com