Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 333 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 333 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 329Page - ATMEL Corporation ATmega324PA Datasheet HTML 330Page - ATMEL Corporation ATmega324PA Datasheet HTML 331Page - ATMEL Corporation ATmega324PA Datasheet HTML 332Page - ATMEL Corporation ATmega324PA Datasheet HTML 333Page - ATMEL Corporation ATmega324PA Datasheet HTML 334Page - ATMEL Corporation ATmega324PA Datasheet HTML 335Page - ATMEL Corporation ATmega324PA Datasheet HTML 336Page - ATMEL Corporation ATmega324PA Datasheet HTML 337Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 468 page
background image
333
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
27.3
Clock Characteristics
Notes:
1. Voltage range for ATmega164PA/324PA/644PA/1284P.
27.3.1
External Clock Drive Waveforms
Figure 27-2. External Clock Drive Waveforms
27.3.2
External Clock Drive
Table 27-6.
Calibration Accuracy of Internal RC Oscillator
Frequency
V
CC
Temperature
Calibration Accuracy
Factory
Calibration
8.0 MHz
3V
25
°C
±10%
User
Calibration
7.3 - 8.1 MHz
1.8V - 5.5V(1)
-40
°C - 85°C±1%
VIL1
VIH1
Table 27-7.
External Clock Drive
Symbol
Parameter
VCC=1.8 - 5.5V
VCC=2.7 - 5.5V
VCC=4.5 - 5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator Frequency
0
4
0
10
0
20
MHz
tCLCL
Clock Period
250
100
50
ns
tCHCX
High Time
100
40
20
ns
tCLCX
Low Time
100
40
20
ns
tCLCH
Rise Time
2.0
1.6
0.5
μs
tCHCL
Fall Time
2.0
1.6
0.5
μs
Δt
CLCL
Change in period from
one clock cycle to the
next
22
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com