Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 449 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 449 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 445Page - ATMEL Corporation ATmega324PA Datasheet HTML 446Page - ATMEL Corporation ATmega324PA Datasheet HTML 447Page - ATMEL Corporation ATmega324PA Datasheet HTML 448Page - ATMEL Corporation ATmega324PA Datasheet HTML 449Page - ATMEL Corporation ATmega324PA Datasheet HTML 450Page - ATMEL Corporation ATmega324PA Datasheet HTML 451Page - ATMEL Corporation ATmega324PA Datasheet HTML 452Page - ATMEL Corporation ATmega324PA Datasheet HTML 453Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 468 page
background image
449
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
31. Ordering Information
31.1
ATmega164PA
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. V
CC see ”Speed Grades” on page 332.
4. NiPdAu Lead Finish.
Speed (MHz)(3)
Power Supply
Ordering Code(2)
Package(1)
Operational Range
20
1.8 - 5.5V
ATmega164PA-AU
ATmega164PA-PU
ATmega164PA-MU
ATmega164PA-MCH(4)
ATmega164PA-CU
44A
40P6
44M1
44MC
49C2
Industrial
(-40oC to 85oC)
Package Type
44A
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
40P6
40-pin, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44M1
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Thermally Enhanced Plastic Very Thin Quad Flat No-Lead (VQFN)
44MC
44-lead (2-row Staggered), 5 x 5 x 1.0 mm body, 2.60 x 2.60 mm Exposed Pad, Quad Flat No-Lead Package (QFN)
49C2
49-ball, (7 x 7 Array) 0.65 mm Pitch, 5 x 5 x 1 mm, Very Thin, Fine-Pitch Ball Grid Array Package (VFBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com