Electronic Components Datasheet Search
  English  ▼

X  

ATmega324PA Datasheet(PDF) 450 Page - ATMEL Corporation

Part # ATmega324PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324PA Datasheet(HTML) 450 Page - ATMEL Corporation

Back Button ATmega324PA Datasheet HTML 446Page - ATMEL Corporation ATmega324PA Datasheet HTML 447Page - ATMEL Corporation ATmega324PA Datasheet HTML 448Page - ATMEL Corporation ATmega324PA Datasheet HTML 449Page - ATMEL Corporation ATmega324PA Datasheet HTML 450Page - ATMEL Corporation ATmega324PA Datasheet HTML 451Page - ATMEL Corporation ATmega324PA Datasheet HTML 452Page - ATMEL Corporation ATmega324PA Datasheet HTML 453Page - ATMEL Corporation ATmega324PA Datasheet HTML 454Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 468 page
background image
450
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
31.2
ATmega324PA
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For Speed vs. VCC see ”Speed Grades” on page 332.
4. NiPdAu Lead Finish.
Speed (MHz)(3)
Power Supply
Ordering Code(2)
Package(1)
Operational Range
20
1.8 - 5.5V
ATmega324PA-AU
ATmega324PA-PU
ATmega324PA-MU
ATmega324PA-MCH(4)
ATmega324PA-CU
44A
40P6
44M1
44MC
49C2
Industrial
(-40oC to 85oC)
Package Type
44A
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
40P6
40-pin, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44M1
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Thermally Enhanced Plastic Very Thin Quad Flat No-Lead (VQFN)
44MC
44-lead (2-row Staggered), 5 x 5 x 1.0 mm body, 2.60 x 2.60 mm Exposed Pad, Quad Flat No-Lead Package (QFN)
49C2
49-ball, (7 x 7 Array) 0.65 mm Pitch, 5 x 5 x 1 mm, Very Thin, Fine-Pitch Ball Grid Array Package (VFBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com