| Electronic Components Datasheet Search |
|
ATmega168PA Datasheet(PDF) 95 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega168PA Datasheet(HTML) 95 Page - ATMEL Corporation |
|
95 / 448 page ![]() 95 8161D–AVR–10/09 ATmega48PA/88PA/168PA/328P Figure 14-1. 8-bit Timer/Counter Block Diagram 14.2.1 Definitions Many register and bit references in this section are written in general form. A lower case “n” replaces the Timer/Counter number, in this case 0. A lower case “x” replaces the Output Com- pare Unit, in this case Compare Unit A or Compare Unit B. However, when using the register or bit defines in a program, the precise form must be used, i.e., TCNT0 for accessing Timer/Counter0 counter value and so on. The definitions in Table 14-1 are also used extensively throughout the document. 14.2.2 Registers The Timer/Counter (TCNT0) and Output Compare Registers (OCR0A and OCR0B) are 8-bit registers. Interrupt request (abbreviated to Int.Req. in the figure) signals are all visible in the Timer Interrupt Flag Register (TIFR0). All interrupts are individually masked with the Timer Inter- rupt Mask Register (TIMSK0). TIFR0 and TIMSK0 are not shown in the figure. Clock Select Timer/Counter OCRnA OCRnB = = TCNTn Waveform Generation Waveform Generation OCnA OCnB = Fixed TOP Value Control Logic = 0 TOP BOTTOM Count Clear Direction TOVn (Int.Req.) OCnA (Int.Req.) OCnB (Int.Req.) TCCRnA TCCRnB Tn Edge Detector ( From Prescaler ) clk Tn Table 14-1. Definitions BOTTOM The counter reaches the BOTTOM when it becomes 0x00. MAX The counter reaches its MAXimum when it becomes 0xFF (decimal 255). TOP The counter reaches the TOP when it becomes equal to the highest value in the count sequence. The TOP value can be assigned to be the fixed value 0xFF (MAX) or the value stored in the OCR0A Register. The assignment is depen- dent on the mode of operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |