Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 12Page - ATMEL Corporation ATmega168PA Datasheet HTML 13Page - ATMEL Corporation ATmega168PA Datasheet HTML 14Page - ATMEL Corporation ATmega168PA Datasheet HTML 15Page - ATMEL Corporation ATmega168PA Datasheet HTML 16Page - ATMEL Corporation ATmega168PA Datasheet HTML 17Page - ATMEL Corporation ATmega168PA Datasheet HTML 18Page - ATMEL Corporation ATmega168PA Datasheet HTML 19Page - ATMEL Corporation ATmega168PA Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 448 page
background image
16
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
7.
AVR Memories
7.1
Overview
This section describes the different memories in the ATmega48PA/88PA/168PA/328P. The AVR
architecture has two main memory spaces, the Data Memory and the Program Memory space.
In addition, the ATmega48PA/88PA/168PA/328P features an EEPROM Memory for data stor-
age. All three memory spaces are linear and regular.
7.2
In-System Reprogrammable Flash Program Memory
The ATmega48PA/88PA/168PA/328P contains 4/8/16/32K bytes On-chip In-System Repro-
grammable Flash memory for program storage. Since all AVR instructions are 16 or 32 bits
wide, the Flash is organized as 2/4/8/16K x 16. For software security, the Flash Program mem-
ory space is divided into two sections, Boot Loader Section and Application Program Section in
ATmega88PA and ATmega168PA. See SELFPRGEN description in section ”SPMCSR – Store
Program Memory Control and Status Register” on page 292 for more details.
The F lash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega48PA/88PA/168PA/328P Program Counter (PC) is 11/12/13/14 bits wide, thus address-
ing the 2/4/8/16K program memory locations. The operation of Boot Program section and
associated Boot Lock bits for software protection are described in detail in ”Self-Programming
the Flash, ATmega48PA” on page 269 and ”Boot Loader Support – Read-While-Write Self-Pro-
gramming, ATmega88PA, ATmega168PA and ATmega328P” on page 277. ”Memory
Programming” on page 294 contains a detailed description on Flash Programming in SPI- or
Parallel Programming mode.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in ”Instruction Execution Tim-
ing” on page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com