Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 289 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 289 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 285Page - ATMEL Corporation ATmega168PA Datasheet HTML 286Page - ATMEL Corporation ATmega168PA Datasheet HTML 287Page - ATMEL Corporation ATmega168PA Datasheet HTML 288Page - ATMEL Corporation ATmega168PA Datasheet HTML 289Page - ATMEL Corporation ATmega168PA Datasheet HTML 290Page - ATMEL Corporation ATmega168PA Datasheet HTML 291Page - ATMEL Corporation ATmega168PA Datasheet HTML 292Page - ATMEL Corporation ATmega168PA Datasheet HTML 293Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 448 page
background image
289
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
26.8.14
ATmega88PA Boot Loader Parameters
In Table 26-7 through Table 26-9, the parameters used in the description of the self programming are given.
Note:
The different BOOTSZ Fuse configurations are shown in Figure 26-2 on page 280.
For details about these two section, see ”NRWW – No Read-While-Write Section” on page 278 and ”RWW – Read-While-
Write Section” on page 278
Note:
1. Z15:Z13: always ignored
Z0: should be zero for all SPM commands, byte select for the LPM instruction.
See ”Addressing the Flash During Self-Programming” on page 282 for details about the use of Z-pointer during Self-
Programming.
Table 26-7.
Boot Size Configuration, ATmega88PA
BOOTSZ1
BOOTSZ0
Boot
Size
Pages
Application
Flash
Section
Boot
Loader
Flash
Section
End
Application
Section
Boot Reset Address (Start Boot Loader
Section)
1
1
128 words
4
0x000 - 0xF7F
0xF80 - 0xFFF
0xF7F
0xF80
1
0
256 words
8
0x000 - 0xEFF
0xF00 - 0xFFF
0xEFF
0xF00
0
1
512 words
16
0x000 - 0xDFF
0xE00 - 0xFFF
0xDFF
0xE00
0
0
1024 words
32
0x000 - 0xBFF
0xC00 - 0xFFF
0xBFF
0xC00
Table 26-8.
Read-While-Write Limit, ATmega88PA
Section
Pages
Address
Read-While-Write section (RWW)
96
0x000 - 0xBFF
No Read-While-Write section (NRWW)
32
0xC00 - 0xFFF
Table 26-9.
Explanation of Different Variables used in Figure 26-3 and the Mapping to the Z-pointer, ATmega88PA
Variable
Corresponding
Z-value(1)
Description
PCMSB
11
Most significant bit in the Program Counter. (The Program Counter is
12 bits PC[11:0])
PAGEMSB
4
Most significant bit which is used to address the words within one
page (32 words in a page requires 5 bits PC [4:0]).
ZPCMSB
Z12
Bit in Z-register that is mapped to PCMSB. Because Z0 is not used,
the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z5
Bit in Z-register that is mapped to PAGEMSB. Because Z0 is not
used, the ZPAGEMSB equals PAGEMSB + 1.
PCPAGE
PC[11:5]
Z12:Z6
Program counter page address: Page select, for page erase and
page write
PCWORD
PC[4:0]
Z5:Z1
Program counter word address: Word select, for filling temporary
buffer (must be zero during page write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com