Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 299 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 299 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 295Page - ATMEL Corporation ATmega168PA Datasheet HTML 296Page - ATMEL Corporation ATmega168PA Datasheet HTML 297Page - ATMEL Corporation ATmega168PA Datasheet HTML 298Page - ATMEL Corporation ATmega168PA Datasheet HTML 299Page - ATMEL Corporation ATmega168PA Datasheet HTML 300Page - ATMEL Corporation ATmega168PA Datasheet HTML 301Page - ATMEL Corporation ATmega168PA Datasheet HTML 302Page - ATMEL Corporation ATmega168PA Datasheet HTML 303Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 448 page
background image
299
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
this byte is automatically written into the OSCCAL Register to ensure correct frequency of the
calibrated RC Oscillator.
27.5
Page Size
27.6
Parallel Programming Parameters, Pin Mapping, and Commands
This section describes how to parallel program and verify Flash Program memory, EEPROM
Data memory, Memory Lock bits, and Fuse bits in the ATmega48PA/88PA/168PA/328P. Pulses
are assumed to be at least 250 ns unless otherwise noted.
27.6.1
Signal Names
In this section, some pins of the ATmega48PA/88PA/168PA/328P are referenced by signal
names describing their functionality during parallel programming, see Figure 27-1 and Table 27-
13. Pins not described in the following table are referenced by pin names.
The XA1/XA0 pins determine the action executed when the XTAL1 pin is given a positive pulse.
The bit coding is shown in Table 27-15.
When pulsing WR or OE, the command loaded determines the action executed. The different
Commands are shown in Table 27-16.
Table 27-11. No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of
Pages
PCPAGE
PCMSB
ATmega48PA
2K words
(4K bytes)
32 words
PC[4:0]
64
PC[10:5]
10
ATmega88PA
4K words
(8K bytes)
32 words
PC[4:0]
128
PC[11:5]
11
ATmega168PA
8K words
(16K bytes)
64 words
PC[5:0]
128
PC[12:6]
12
ATmega328P
16K words
(32K bytes)
64 words
PC[5:0]
256
PC[13:6]
13
Table 27-12. No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM
Size
Page
Size
PCWORD
No. of
Pages
PCPAGE
EEAMSB
ATmega48PA
256 bytes
4 bytes
EEA[1:0]
64
EEA[7:2]
7
ATmega88PA
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8
ATmega168PA
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8
ATmega328P
1K bytes
4 bytes
EEA[1:0]
256
EEA[9:2]
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com