Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 416 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 416 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 412Page - ATMEL Corporation ATmega168PA Datasheet HTML 413Page - ATMEL Corporation ATmega168PA Datasheet HTML 414Page - ATMEL Corporation ATmega168PA Datasheet HTML 415Page - ATMEL Corporation ATmega168PA Datasheet HTML 416Page - ATMEL Corporation ATmega168PA Datasheet HTML 417Page - ATMEL Corporation ATmega168PA Datasheet HTML 418Page - ATMEL Corporation ATmega168PA Datasheet HTML 419Page - ATMEL Corporation ATmega168PA Datasheet HTML 420Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 448 page
background image
416
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
Figure 29-171.ATmega328P: BOD Thresholds vs. Temperature (BODLEVEL is 4.3 V)
29.4.11
Internal Oscilllator Speed
Figure 29-172.ATmega328P: Watchdog Oscillator Frequency vs. Temperature
1
0
4.25
4.3
4.35
4.4
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
5.5 V
4.0 V
3.3 V
2.7 V
109
110
111
112
113
114
115
116
117
118
119
-60
-40
-20
0
20
40
60
80100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com