Electronic Components Datasheet Search
  English  ▼

X  

ATmega168PA Datasheet(PDF) 438 Page - ATMEL Corporation

Part # ATmega168PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168PA Datasheet(HTML) 438 Page - ATMEL Corporation

Back Button ATmega168PA Datasheet HTML 434Page - ATMEL Corporation ATmega168PA Datasheet HTML 435Page - ATMEL Corporation ATmega168PA Datasheet HTML 436Page - ATMEL Corporation ATmega168PA Datasheet HTML 437Page - ATMEL Corporation ATmega168PA Datasheet HTML 438Page - ATMEL Corporation ATmega168PA Datasheet HTML 439Page - ATMEL Corporation ATmega168PA Datasheet HTML 440Page - ATMEL Corporation ATmega168PA Datasheet HTML 441Page - ATMEL Corporation ATmega168PA Datasheet HTML 442Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 448 page
background image
438
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
34. Errata
34.1
Errata ATmega48PA
The revision letter in this section refers to the revision of the ATmega48PA device.
34.1.1
Rev. D
No known errata.
34.2
Errata ATmega88PA
The revision letter in this section refers to the revision of the ATmega88PA device.
34.2.1
Rev. F
No known errata.
34.3
Errata ATmega168PA
The revision letter in this section refers to the revision of the ATmega168PA device.
34.3.1
Rev E
No known errata.
34.4
Errata ATmega328P
The revision letter in this section refers to the revision of the ATmega328P device.
34.4.1
Rev D
No known errata.
34.4.2
Rev C
Not sampled.
34.4.3
Rev B
• Unstable 32 kHz Oscillator
1.
Unstable 32 kHz Oscillator
The 32 kHz oscillator does not work as system clock.
The 32 kHz oscillator used as asynchronous timer is inaccurate.
Problem Fix/ Workaround
None
34.4.4
Rev A
• Unstable 32 kHz Oscillator
1.
Unstable 32 kHz Oscillator
The 32 kHz oscillator does not work as system clock.
The 32 kHz oscillator used as asynchronous timer is inaccurate.
Problem Fix/ Workaround
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com