Electronic Components Datasheet Search
  English  ▼

X  

PLCC2KRCT Datasheet(PDF) 1 Page - HB Electronic Components

Part # PLCC2KRCT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2KRCT Datasheet(HTML) 1 Page - HB Electronic Components

  PLCC2KRCT Datasheet HTML 1Page - HB Electronic Components PLCC2KRCT Datasheet HTML 2Page - HB Electronic Components PLCC2KRCT Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./型号:PLCC2KRCT
www.ledz.com
1/3
1、Features/特 征:
l Emitting Color/发光颜色:Red/红色
l Lens Type/封装特性:Water Clear/无色透明
l Device Outline/外形特征:3.5×2.8×1.9mm
l RoHS compliant/符合 RoHS 标准
2、Applications/应 用:
l Backlight for Mobile,Machine Vision, LCD Display/手机、电话、显示屏背光源
l Backlight in Dashboard and switch of Automive/汽车仪表盘、记程器背光源
3、Outline Dimensions/产品外形尺寸:
3.2
±0.2
3.5
±0.2
0.8
±0.3
0
0.5
0
10
20
30
40
50
60
70
80
90
1.0
0.7
SPATIAL DISTRIBUTION
1.5
1.5
1.6
被推荐的焊盘尺寸


Similar Part No. - PLCC2KRCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC2KGCT HB-PLCC2KGCT Datasheet
90Kb / 3P
SMD
PLCC2KYCT HB-PLCC2KYCT Datasheet
72Kb / 4P
SMD
More results

Similar Description - PLCC2KRCT

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEPH205 SUMIDA-CEPH205 Datasheet
58Kb / 1P
SMD
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
SHIELDED SMD SHIELDED SMD
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
SHIELDED SMD SHIELDED SMD
logo
Ningbo Foryard Optoelec...
FYLS-0603YC FORYARD-FYLS-0603YC Datasheet
152Kb / 5P
SMD
FYLS-0603BYW FORYARD-FYLS-0603BYW Datasheet
243Kb / 5P
SMD
FYLS-0603BGW FORYARD-FYLS-0603BGW Datasheet
155Kb / 5P
SMD
logo
Shindengen Electric Mfg...
G1VL24C SHINDENGEN-G1VL24C Datasheet
136Kb / 4P
SMD
KU10R27NS SHINDENGEN-KU10R27NS Datasheet
126Kb / 4P
SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com