Electronic Components Datasheet Search
  English  ▼

X  

PLCC2KRCT Datasheet(PDF) 2 Page - HB Electronic Components

Part # PLCC2KRCT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2KRCT Datasheet(HTML) 2 Page - HB Electronic Components

  PLCC2KRCT Datasheet HTML 1Page - HB Electronic Components PLCC2KRCT Datasheet HTML 2Page - HB Electronic Components PLCC2KRCT Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./型号:PLCC2KRCT
www.ledz.com
2/3
4、Absolute maximum ratings/极限参数(Ta = 25℃):
Value 参数
Parameter
参数
Symbol
符号
Test
Condition
测试条件
Min.
Max.
Unit
单位
Power Dissipation
损耗功率
Pd
——
——
60
mW
Reverse Voltage
反 向 电 压
VR
IR = 30μA
5
——
V
Pulse Current
正向峰值电流
IFp
Duty=0.1,1kHz
——
100
mA
Forward Current
正向工作电流
IFm
——
——
25
mA
Operating Temperature
工作温度范围
Topr
——
-40
+85
℃
Storage
Temperature
储存温度范围
Tstr
——
-40
+85
℃
5、Electrical and optical characteristics/光电参数(Ta = 25℃):
Value 参数
Parameter
参数
Symbol
符号
Test
Condition
测试条件
Min.
Typ.
Max.
Unit
单位
Forward Voltage
正向电压
VF
IF =20mA
——
2.0
2.4
V
Reverse Current
反向电流
IR
VR=5V
——
——
30
μA
Dominate Wavelength
主波长
λd
IF=20mA
619
624
629
nm
Peak Wavelength
峰值波长
λp
IF=20mA
——
632
——
nm
Spectral Line half-width
半波宽度
Δλ
IF=20mA
——
20
——
nm
Luminous Intensity
发光强度
IV
IF=20mA
102
180
——
mcd
Viewing Angle
发 光指 向角
2θ1/2
IF=20mA
——
120
——
Deg.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com