Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33879_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33879
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33879 Simplified Internal Block Diagram
SPI Bit 4
IN5
SPI Bit 0
OV, POR, SLEEP
~4.0 V Open/Short
Threshold
~110 k
Ω
~50
μA
~50
μA
VPWR
D2
D3
D4
D7
D8
+
–
–
+
+
–
+
–
Current
Limit
~80
μA
~4.0 V Open/Short
Threshold
Open/Short
Comparator
TLIM
+
VDD
CS
__
SCLK
DI
EN
IN5
IN6
Open
Load
Detect
Current
~80
μA
Gate
Drive
Control
–
–
Internal
Bias
Power Supply
Charge
Pump
+
DO
~50
μA
Over-voltage
Shutdown/POR
SPI and
Interface
Sleep State
TLIM
Gate
Drive
Control
Current
Limit
Open
Load
Detect
Current
Enable
GND
D1
Typical of all 8 output drivers
S1
Drain
Outputs
S2
S3
S4
S7
S8
Source
Outputs
D5
D6
S5
S6
Drain
Outputs
Source
Outputs
Logic
Open/Short
Comparator
EP
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com