Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33879_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33879
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational 33879
33879A
VPWR(FO)
5.5
5.5
–
–
26.5
27.5
V
Supply Current
IPWR(ON)
–
14
24
mA
Sleep State Supply Current
VDD or EN ≤ 0.8 V, VPWR = 13 V
IPWR(SS)
–
2.0
5.0
μA
Sleep State Supply Current
EN
≤ 0.8 V, VDD = 5.5 V
IVDD(SS)
–
2.0
5.0
μA
VPWR Over-voltage Shutdown Threshold Voltage
33879
33879A
VPWR(OV)
27
28
28.5
30
32
33
V
VPWR Over-voltage Shutdown Hysteresis Voltage
VPWR(OV-HYS)
0.2
1.5
2.5
V
VPWR Under-voltage Shutdown Threshold Voltage
VPWR(UV)
3.0
4.0
5.0
V
VPWR Under-voltage Shutdown Hysteresis Voltage
VPWR(UV-HYS)
300
500
700
mV
Logic Supply Voltage
VDD
3.1
–
5.5
V
Logic Supply Current
IDD
250
400
700
μA
Logic Supply Sleep State Threshold Voltage
VDD(SS)
0.8
2.5
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com