Electronic Components Datasheet Search
  English  ▼

X  

DTCXO Datasheet(PDF) 2 Page - TEMEX

Part # DTCXO
Description  Digitally Thermal Compensated Crystal Oscillator General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

DTCXO Datasheet(HTML) 2 Page - TEMEX

  DTCXO Datasheet HTML 1Page - TEMEX DTCXO Datasheet HTML 2Page - TEMEX DTCXO Datasheet HTML 3Page - TEMEX DTCXO Datasheet HTML 4Page - TEMEX DTCXO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DTCXO
Digitally Thermal Compensated Crystal Oscillator
General Specification (rev1)
June 12
th 2009
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/5
Features
•
Digitally Thermal Compensated Crystal Oscillator (DTCXO)
•
Frequency range : 10 to 60 MHz
•
Operating temperature range : [−40 – +85 °C]
•
Ground based applications
•
5-pin package
•
Output wave form: square or sine
•
Supply voltage : 5V +/-5% or 12V +/-5%
Applications
o
Ground based telecommunication
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
– 40
+ 85
Storage temperature range
°C
– 55
+ 125
Relative humidity
Up to 100% at Ta = 0°C to 85°C without condensing
Shock (half sine)
50g, 10 ms
Vibration
As per MIL-STD-810, Issue F (cat 5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com