Electronic Components Datasheet Search
  English  ▼

X  

DTCXO Datasheet(PDF) 5 Page - TEMEX

Part # DTCXO
Description  Digitally Thermal Compensated Crystal Oscillator General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

DTCXO Datasheet(HTML) 5 Page - TEMEX

  DTCXO Datasheet HTML 1Page - TEMEX DTCXO Datasheet HTML 2Page - TEMEX DTCXO Datasheet HTML 3Page - TEMEX DTCXO Datasheet HTML 4Page - TEMEX DTCXO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DTCXO
Digitally Thermal Compensated Crystal Oscillator
General Specification (rev1)
June 12
th 2009
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
5/5
Electrical Parameters
Unit
Minimum
Typical
Maximum
Square Wave Output Version compatible CMOS
Nominal frequency range
MHz
10
60
Low output level
V
10% Vcc
High output level
V
90%Vcc
Duty cycle at Vcc/2
-
40%
60%
Rise time
ns
5
Fall time
ns
5
Phase noise in static conditions @ 10 MHz
@ 10 Hz offset
dBc/Hz
- 85
@ 100 Hz offset
dBc/Hz
- 115
@ 1 kHz offset
dBc/Hz
- 135
@ 10 kHz offset or greater
dBc/Hz
- 150
Phase noise in static conditions @ 60 MHz
@ 10 Hz offset
dBc/Hz
- 65
@ 100 Hz offset
dBc/Hz
- 95
@ 1 kHz offset
dBc/Hz
- 130
@ 10 kHz offset or greater
dBc/Hz
- 140
Free running mode (Vctrl pin NC)
Initial setting
ppm
±±±± 0.5
Stability vs. temperature
ppm
±±±± 0.2
±±±± 0.5
Stability vs. 5 % supply voltage variation
ppm
±±±± 0.05
Stability vs. 10 % load variation
ppm
±±±± 0.05
Aging over first year
ppm
±±±± 0.5
Aging over 10 year
ppm
±±±± 2
Electrical tuning (Vctrl pin)
Relative pulling frequency range
ppm
±±±± 2
Input impedance
Ω
Ω
Ω
Ω
10 k
Voltage range Option A
VDC
0
5
Voltage range Option B
VDC
0
10
Supply voltage (Vcc pin)
Voltage range option A
VDC
4.75
5.25
Voltage range option B
Vdc
11.4
12.6
Supply current option A
mA
40
Supply current option B
mA
20
Start up time
ms
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com