Electronic Components Datasheet Search
  English  ▼

X  

SRB260 Datasheet(PDF) 2 Page - TEMEX

Part # SRB260
Description  Ultra Low Noise Voltage Controlled 600 MHz SAW Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

SRB260 Datasheet(HTML) 2 Page - TEMEX

  SRB260 Datasheet HTML 1Page - TEMEX SRB260 Datasheet HTML 2Page - TEMEX SRB260 Datasheet HTML 3Page - TEMEX SRB260 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SR B260
Ultra Low Noise Voltage Controlled 600 MHz SAW Oscillator
Tentative specification
March, 2008
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
1
S A W P r o d u c t s
Features
Ultra Low Noise (ULN), Oven Controlled, Voltage Controlled, SAW Oscillator (OCVCSO)
Output frequency:
600 MHz
Ultra low phase noise: - 158dBc/Hz @ 10 kHz offset (typical)
< - 170 dBc/Hz noise floor (typical)
Frequency fine tuning by temperature control of the oven
Operating temperature range : [- 20 to + 50°C]
Environment:
shelters, stabilized platforms
Applications:
o
Instrumentation: phase noise analyzer, synthesizer
o
Ground based or naval military equipment & test bench
o
Radar & Telecom simulator
Rugged packaging: 95 x 76 x 23 mm [3.75 x 3 x .92 “]
SMA connector for the frequency output + 2 feedthrus for DC supply and VControl
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
- 20
+ 50
Storage temperature range
°C
- 40
+ 85
Typical phase
noise



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com