Electronic Components Datasheet Search
  English  ▼

X  

SRB260 Datasheet(PDF) 4 Page - TEMEX

Part # SRB260
Description  Ultra Low Noise Voltage Controlled 600 MHz SAW Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

SRB260 Datasheet(HTML) 4 Page - TEMEX

  SRB260 Datasheet HTML 1Page - TEMEX SRB260 Datasheet HTML 2Page - TEMEX SRB260 Datasheet HTML 3Page - TEMEX SRB260 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SR B260
Ultra Low Noise Voltage Controlled 600 MHz SAW Oscillator
Tentative specification
March, 2008
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
3
S A W P r o d u c t s
Technical Characteristics
Block diagram
Frequency
Output
Voltage
Control
SRB260
DC Supply
voltage
Ground
Vc
0/Vc
Case
Oven
PS
BPF
Phase
shifter
SAW Res.
VDC
VDC
VDC
Electrical specifications
Electrical Parameters
Unit
Minimum
Typical
Maximum
Frequency output (SMA Connector)
Nominal frequency
MHz
600
Output level (50 Ω
Ω
Ω
Ω load)
dBm
9
10
11
Harmonics suppression
dBc
-30
Phase noise @ 1 kHz offset
dBc/Hz
-130
-123
Phase noise @ 10 kHz offset
dBc/Hz
-158
-153
Phase noise @ 100 kHz offset
dBc/Hz
-170
-168
Phase noise floor
dBc/Hz
< -170
< - 170
- 170
VSWR
-
1.5:1
2:1
Free running mode (Voltage Control pin NC)
Factory set accuracy @ 25 °C
ppm
±±±± 0.2
±±±± 0.5
Temperature stability
ppm
±±±± 2
Aging per year
ppm
±±±± 1
Electrical tuning (Voltage Control pin)
Relative tuning range
ppm
±±±± 2
±±±± 3
Voltage range
VDC
3
4.7
7
Slope @ V control = 4.7 V
Hz / V
1000
1500
2200
DC supply voltage (DC supply voltage pin)
Voltage range
VDC
11.8
12
12.2
Supply current
mA
250 @ 25°C
600
Warm up time
mn
4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com