Electronic Components Datasheet Search
  English  ▼

X  

OCXO Datasheet(PDF) 2 Page - TEMEX

Part # OCXO
Description  Space qualified OCXO - Oven Controlled Crystal Oscillator, Flat pack General Specification (rev1)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

OCXO Datasheet(HTML) 2 Page - TEMEX

  OCXO Datasheet HTML 1Page - TEMEX OCXO Datasheet HTML 2Page - TEMEX OCXO Datasheet HTML 3Page - TEMEX OCXO Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OCXO
Space qualified OCXO – Oven Controlled Crystal Oscillator
General Specification (rev1)
December,
5th 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/4
Features
•
Frequency Range : 30 MHz to 100 MHz
•
Low consumption
•
Supply Voltage : +9V or +12V
•
Warm up Consumption : 2Watt
•
Maximum Steady state Consumption under vacuum : 0.65 Watt
•
Overall Frequency Stability vs. Operating Temperature Range from +/– 0.2 ppm to +/– 0.5
ppm under vacuum
•
Ageing per year : +/– 0.3 ppm ; +/– 2 ppm over 15 years typical
•
Output Wave Form : sine 50 Ohms
•
Output Level : from 0 to 8 dBm
•
Compatible with Flatpack TCXO pin-out : 25 x 25 mm
•
Manufacturing in accordance with MIL-PRF-55310 (Class 1, type 4, level S)
•
Based on SMD Discrete components technology
Applications
Recommended for frequency reference
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
– 20
+ 70
Storage temperature range
°C
– 55
+ 125
Shocks (half sine)
900g, 0.3ms
Sine vibration
20g as per MIL-STD-202, Method
204, Condition D
Random vibration
50 Grms as per MIL-STD-202, Method
214, Condition I-F
Radiation
Up to 100 kRad total dose



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com