Electronic Components Datasheet Search
  English  ▼

X  

OCXO Datasheet(PDF) 4 Page - TEMEX

Part # OCXO
Description  Space qualified OCXO - Oven Controlled Crystal Oscillator, Flat pack General Specification (rev1)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

OCXO Datasheet(HTML) 4 Page - TEMEX

  OCXO Datasheet HTML 1Page - TEMEX OCXO Datasheet HTML 2Page - TEMEX OCXO Datasheet HTML 3Page - TEMEX OCXO Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OCXO
Space qualified OCXO – Oven Controlled Crystal Oscillator
General Specification (rev1)
December,
5th 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
4/4
Performance characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Frequency output
Nominal frequency range
MHz
30
40
100
Output level (50
Ω
Ω
Ω
Ω load)
dBm
0
8
Harmonics level
dBc
– 25
Spurious (offset > 50 Hz)
dBc
– 80
Phase noise in static conditions @ 100 MHz
@ 1 Hz offset
dBc/Hz
–55
@ 10 Hz offset
dBc/Hz
–85
@ 100 Hz offset
dBc/Hz
– 115
@ 1 kHz offset
dBc/Hz
– 145
@ 10 kHz offset or greater
dBc/Hz
– 155
Allan variance
@ 1s
ppb
0.02
Free running mode (Vctrl pin NC)
Initial setting
ppm
0.25
Stability vs. temperature
ppm
0.2
0.5
Stability vs. 5 % supply voltage variation
ppm
0.01
Stability vs. 10 % load variation
ppm
0.01
Aging over first year
ppm
0.3
Aging over 15 years
ppm
2
Electrical tuning (Vctrl pin)
Relative pulling frequency range
ppm
± 2.5
Input impedance
Ω
Ω
Ω
Ω
10k
Bandwidth
Hz
1k
Linearity
%
20
Supply voltage (Vcc pin)
Voltage range
VDC
8.5
9
12.6
Supply power @ 25 °C under vacuum
W
0.65
Supply power @ warm up
W
2
Warm up time
mn
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com