Electronic Components Datasheet Search
  English  ▼

X  

MINIUSO Datasheet(PDF) 2 Page - TEMEX

Part # MINIUSO
Description  Space Qualified Mini USO - Ultra Stable Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

MINIUSO Datasheet(HTML) 2 Page - TEMEX

  MINIUSO Datasheet HTML 1Page - TEMEX MINIUSO Datasheet HTML 2Page - TEMEX MINIUSO Datasheet HTML 3Page - TEMEX MINIUSO Datasheet HTML 4Page - TEMEX MINIUSO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Space Mini USO
Space Qualified Mini USO - Ultra Stable Crystal Oscillator,
General Specification (rev1)
February 5th, 2008
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/5
Features
•
Case type (s) : 70x70 height 50mm
•
Frequency range : 5 – 12 MHz
•
Temperature Range : from – 20°to + 70°C
•
Frequency stability vs. temperature range from +/- 0.05ppb under vacuum
•
Short term stability : 5.10-13 at 1s-100s
•
Frequency Control Range : depending on spec
•
Ageing per year : +/- 10 ppb first year
•
Output wave form : sine 50 Ohms
•
Output level : 5 to 10 dBm
•
Supply Voltage : +12V or +15V
•
Power consumption during Warm Up : 10W
•
Power consumption steady state : 4W atmospheric pressure ; 2W under vacuum
•
Radiation : TDR from 50kRad up to 100 kRad (Si)
•
FM in accordance with MIL-PRF-55310 rev D
Applications
Recommended for space clock applications, navigation and positioning onboard systems. Very good
short term stability (Allan variance).
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
– 20
+ 70
Storage temperature range
°C
– 55
+ 125
Sine vibration
20g as per MIL-STD-202, Method 204,
Condition D
Random vibration
50 Grms ; 1,7g²/Hz from 100 Hz to 1000Hz
Acceleration
25g
Shocks (pyrotechnic shock)
1500g @ 1.5kHz
Shocks (half sine)
1200g, 0.3ms
Radiation
Up to 100 kRad total dose



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com