Electronic Components Datasheet Search
  English  ▼

X  

MINIUSO Datasheet(PDF) 4 Page - TEMEX

Part # MINIUSO
Description  Space Qualified Mini USO - Ultra Stable Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

MINIUSO Datasheet(HTML) 4 Page - TEMEX

  MINIUSO Datasheet HTML 1Page - TEMEX MINIUSO Datasheet HTML 2Page - TEMEX MINIUSO Datasheet HTML 3Page - TEMEX MINIUSO Datasheet HTML 4Page - TEMEX MINIUSO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Space Mini USO
Space Qualified Mini USO - Ultra Stable Crystal Oscillator,
General Specification (rev1)
February 5th, 2008
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
4/5
Performance characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Frequency output (SMA Connector)
Nominal frequency range
MHz
5
12
Output level (50
Ω
Ω
Ω
Ω load)
dBm
5
10
Harmonics level
dBc
– 40
Spurious (offset > 50 Hz)
dBc
– 80
Phase noise in static conditions @ 10 MHz
@ 1 Hz offset
dBc/Hz
– 115
@ 10 Hz offset
dBc/Hz
– 140
@ 100 Hz offset
dBc/Hz
– 145
@ 1 kHz offset
dBc/Hz
– 150
@ 10 kHz offset or greater
dBc/Hz
– 155
Allan variance
@ 1 s
ppb
0.0005
@ 10 s
ppb
0.0005
@ 100 s
ppb
0.0005
Free running mode (Vctrl pin NC)
Initial setting
ppb
10
Stability vs. temperature
ppb
0.1
Stability vs. 5 % supply voltage variation
ppb
0.01
Stability vs. 10 % load variation
ppb
0.01
Aging over first year
ppb
20
Retrace
ppb
1
Electrical tuning (Vctrl pin)
Relative pulling frequency range
ppb
±200
±500
Input impedance
Ω
Ω
Ω
Ω
10k
Voltage range
VDC
0
8
Reference voltage (Vref pin)
Nominal value
VDC
8
Supply voltage (Vcc pin)
Voltage range
VDC
11.4
12
15.75
Supply power @ 25 °C under vacuum
W
2
Supply power @ warm up
W
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com