Electronic Components Datasheet Search
  English  ▼

X  

STR3-RGB-CA Datasheet(PDF) 1 Page - HB Electronic Components

Part # STR3-RGB-CA
Description  LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

STR3-RGB-CA Datasheet(HTML) 1 Page - HB Electronic Components

  STR3-RGB-CA Datasheet HTML 1Page - HB Electronic Components STR3-RGB-CA Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.: STR3-RGB-CA
Ver.1.0 Page: 1 of 2
z Product Picture/
z Absolute Maximum Ratings /
z
Electrical and optical characteristics (Ta=25
) /
z Circuit Diagram/
Rating /
Parameter /
Symbol /
Min./
Typ./
Max./
Unit
Input Voltage DC /
Vin
11
12
13
V
Input Current DC/
I(rms)
-
0.27
0.3
A
Operating Tem./
Ta
-25
25
50
Operating Hum./
Ha
5%-95%(No Water/
)
-
Storage Tem./
Ts
-30~65
Parameter /
Condition/
Symbol /
Min. /
Typ./
Max./
Unit
Power Dissipation /
Vin=12V
Pd
-
3.5
4
W
IV(R)
-
40
-
Lm
IV(B)
-
9
-
Lm
Luminous Flux /
Vin=12V
IV(G)
-
44
-
Lm
C.T.(R)
620
625
630
nm
C.T.(B)
465
470
475
nm
Color Temperature /
Vin=12V
C.T.(G)
520
525
530
nm
Viewing Angle /
Vin=12V
-
120
-
Deg
z Features/
1. Emitted Color/
: Red/
Green/
Blue/
2. Super energy saving and environmental protection/
3. Choices of luminous intensities for indoor application/
4. The useful lifetime of the product is more than 30000
hours/
30000
12V
+
R-
G-
B-
Hebei I.T. (Shanghai) Co., Ltd.


Similar Part No. - STR3-RGB-CA

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR3-18X-120 HB-STR3-18X-120 Datasheet
123Kb / 2P
LED
More results

Similar Description - STR3-RGB-CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com