Electronic Components Datasheet Search
  English  ▼

X  

STR3-RGB-CA Datasheet(PDF) 2 Page - HB Electronic Components

Part # STR3-RGB-CA
Description  LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

STR3-RGB-CA Datasheet(HTML) 2 Page - HB Electronic Components

  STR3-RGB-CA Datasheet HTML 1Page - HB Electronic Components STR3-RGB-CA Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part No.: STR3-RGB-CA
Ver.1.0 Page: 2 of 2
z
Package Dimensions /
Notes /
:
1.
All dimensions are in millimeters. /
mm.
2.
Tolerance is ±0.5 mm unless otherwise specified. /
±0.5 mm.
3.
Specifications are subject to change without notice. /
.
z Product Packaging Picture/
350X345mm
350X350X35mm
10 PCS in the bag
5 bags in the box
10PCS/
5
/
50.00
300.00
V1
V2
V3
V4
V5
V6
V7
V8
V9
V10
V11
V12
V13
V14
V15
R1
R2
R3
R1
R2
R3
R1
R2
R3
R1
R2
R3
R1
R2
R3
+12V
B
R
G
+12V
B
R
G
+12V
+12V
B
R
G
B
R
G
+12V
B
R
G
+12V
B
R
G
EFE
EFE
EFE
EFE
7.70
11.50
Hebei I.T. (Shanghai) Co., Ltd.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com