Electronic Components Datasheet Search
  English  ▼

X  

TCXO Datasheet(PDF) 1 Page - TEMEX

Part # TCXO
Description  Space TCXO - Temperature Compensated Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TCXO Datasheet(HTML) 1 Page - TEMEX

  TCXO Datasheet HTML 1Page - TEMEX TCXO Datasheet HTML 2Page - TEMEX TCXO Datasheet HTML 3Page - TEMEX TCXO Datasheet HTML 4Page - TEMEX TCXO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
••••
FEATURES ...................................................................................................................................................2
••••
APPLICATIONS............................................................................................................................................2
••••
ENVIRONMENTAL CONDITIONS ...............................................................................................................2
••••
MECHANICAL CHARACTERISTICS...........................................................................................................3
••••
PERFORMANCE CHARACTERISTICS.......................................................................................................5
Space TCXO – Temperature Compensated Crystal Oscillator, General
Specification (rev1)


Similar Part No. - TCXO

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
TCXO AEL-TCXO Datasheet
136Kb / 4P
Quartz Crystal Oscillators
logo
Golledge Electronics Lt...
TCXO GOLLEDGE-TCXO Datasheet
521Kb / 3P
Specify your custom Golledge (VC)TCXO here
logo
Jauch Quartz Gmbh
TCXO JAUCH-TCXO Datasheet
463Kb / 2P
Oscillator JT21CT · TCXO
25072022-18
TCXO JAUCH-TCXO Datasheet
464Kb / 2P
Oscillator JT22CT · TCXO
25072022-18
TCXO JAUCH-TCXO Datasheet
466Kb / 2P
Oscillator JT32CT · TCXO
25072022-18
More results

Similar Description - TCXO

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
5925A NDK-5925A Datasheet
78Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5921A NDK-5921A Datasheet
91Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
Temperature-Compensated Crystal Oscillator (TCXO)
logo
TEMEX
DTCXO TEMEX-DTCXO Datasheet
160Kb / 5P
Digitally Thermal Compensated Crystal Oscillator General Specification (rev1)
MINIUSO TEMEX-MINIUSO Datasheet
393Kb / 5P
Space Qualified Mini USO - Ultra Stable Crystal Oscillator, General Specification (rev1)
OCXOPLUS TEMEX-OCXOPLUS Datasheet
751Kb / 6P
Space Qualified OCXO Plus - Oven Controlled Crystal Oscillator, General Specification (rev1)
VCXO TEMEX-VCXO Datasheet
523Kb / 5P
Space VCXO - Voltage Controlled Crystal Oscillator Flat Pack, General Specification (rev1)
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
Temperature Compensated Crystal Oscillator (TCXO)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com