Electronic Components Datasheet Search
  English  ▼

X  

TCXO Datasheet(PDF) 5 Page - TEMEX

Part # TCXO
Description  Space TCXO - Temperature Compensated Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TCXO Datasheet(HTML) 5 Page - TEMEX

  TCXO Datasheet HTML 1Page - TEMEX TCXO Datasheet HTML 2Page - TEMEX TCXO Datasheet HTML 3Page - TEMEX TCXO Datasheet HTML 4Page - TEMEX TCXO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Space TCXO – Temperature Compensated Crystal Oscillator
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
5/5
Performance Characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Frequency output (SMA Connector)
Nominal frequency range
MHz
10
40
150
Output level (50 Ω
Ω
Ω
Ω load)
dBm
0
5
Harmonics level
dBc
– 35
Spurious (offset > 50 Hz)
dBc
– 80
Phase noise in static conditions @ 100 MHz
@ 1 Hz offset
dBc/Hz
–50
@ 10 Hz offset
dBc/Hz
–80
@ 100 Hz offset
dBc/Hz
– 115
@ 1 kHz offset
dBc/Hz
– 135
@ 10 kHz offset or greater
dBc/Hz
– 150
Free running mode (Vctrl pin NC)
Initial setting
ppm
0.5
Stability vs. temperature (range 1)
ppm
±0.5
±1.0
Stability vs. temperature (range 2)
ppm
±1.0
±2.0
Stability vs. 5 % supply voltage variation
ppm
±0.05
Stability vs. 10 % load variation
ppm
±0.2
Aging over first year
ppm
1
Aging over 15 years
ppm
7.5
Supply voltage (Vcc pin)
Voltage range
VDC
4.75
5
12.6
Supply power @ 25 °C under vacuum
W
0.25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com