Electronic Components Datasheet Search
  English  ▼

X  

HWS503 Datasheet(PDF) 1 Page - Hexawave, Inc

Part # HWS503
Description  GaAs 0.5-6GHz DPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS503 Datasheet(HTML) 1 Page - Hexawave, Inc

  HWS503 Datasheet HTML 1Page - Hexawave, Inc HWS503 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HWS503
GaAs 0.5-6GHz DPDT Switch
January 2009
V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C.. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Features
• Low Insertion Loss : 0.6 dB @ 2.50 GHz
0.9 dB @ 5.85 GHz
• Isolation: 22.0 dB @ 2.50 GHz
17.0 dB @ 5.85 GHz
• Low DC Power Consumption
• Miniature USON6L (1.5x1.5x0.4mm) Plastic
Lead (Pb) Free and GP Compliant Package
• PHEMT process
Description
The HWS503 is a GaAs PHEMT MMIC DPDT switch
operating at 0.5-6 GHz in a miniature USON6L (1.5 x
1.5 x 0.4mm) plastic lead (Pb) free package. The
HWS503 features low insertion loss and high isolation
with very low DC power consumption. This switch can
be used in IEEE 802.11a/b/g WLAN systems for
combination of transmit/receive and antenna diversity
functions.
USON6L (1.5x1.5)
Unit:mm
Electrical Specifications at 25°C with 0, +3V Control Voltages
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Insertion Loss
0.50-6.00 GHz
2.40-2.50 GHz
5.15-5.85 GHz
1.0
0.6
0.9
0.8
1.1
dB
dB
dB
Isolation
0.50-6.00 GHz
2.40-2.50 GHz
5.15-5.85 GHz
20.0
14.0
15.0
22.0
17.0
dB
dB
dB
Return Loss
0.50-6.00 GHz
2.40-2.50 GHz
5.15-5.85 GHz
15
15
15
dB
dB
dB
Input Power for One dB
Compression
0.50-6.00 GHz
35
dBm
Input Third Order Intermodulation
Intercept Point
20 dBm Per Tone @ 2.50 GHz
58
dBm
Switching Time
0dBm @ 2.50 GHz
75
nsec
Control Current
5
20
uA
Note: All measurements made in a 50Ω system with 0/+3V control voltages, unless otherwise specified.


Similar Part No. - HWS503

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS503_V3 HW-HWS503_V3_15 Datasheet
60Kb / 2P
GaAs 0.5-6GHz DPDT Switch
More results

Similar Description - HWS503

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040 MA-COM-MASWSS0040 Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS503_V3 HW-HWS503_V3_15 Datasheet
60Kb / 2P
GaAs 0.5-6GHz DPDT Switch
HWS500_V6 HW-HWS500_V6_15 Datasheet
65Kb / 2P
GaAs 0.5-6GHz SPDT Switch
HWS454_V4 HW-HWS454_V4_15 Datasheet
112Kb / 5P
GaAs 0.5-6GHz DPDT Switch
HWS450_V8 HW-HWS450_V8_15 Datasheet
65Kb / 2P
GaAs 0.5-6GHz DPDT Switch
HWS514_V1 HW-HWS514_V1 Datasheet
61Kb / 2P
GaAs 0.5-6 GHz DPDT Switch
HWS512_V1 HW-HWS512_V1 Datasheet
64Kb / 2P
GaAs 0.5-6 GHz DPDT Switch
HWS510_V3 HW-HWS510_V3 Datasheet
84Kb / 3P
GaAs 0.5-4 GHz DPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com