Electronic Components Datasheet Search
  English  ▼

X  

HWS503 Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWS503
Description  GaAs 0.5-6GHz DPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS503 Datasheet(HTML) 2 Page - Hexawave, Inc

  HWS503 Datasheet HTML 1Page - Hexawave, Inc HWS503 Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWS503
GaAs 0.5-6GHz DPDT Switch
January 2009
V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C.. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Typical Performance Data with 8pF
Capacitors @ +25°C
Insertion loss vs. Frequency
-1.2
-0.9
-0.6
-0.3
0
22.533.5
4
4.555.5
6
Frequency (GHz)
Isolation vs. Frequency
-30
-25
-20
-15
-10
-5
2
2.5
3
3.544.555.5
6
Frequency (GHz)
Input return loss vs. Frequency
-30
-25
-20
-15
-10
-5
2
2.5
3
3.544.555.5
6
Frequency (GHz)
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+34dBm @ +3V
Control Voltage
+6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Electrostatic Discharge
Machine Model
Class M1
Pin Out
ANT2
CB
3
2
1
4
5
6
ANT1
CB
OUT1
(TX)
VC2
CB
OUT2
(RX)
CB
VC1
Note:
1. DC blocking capacitors CB=8pF are required on all
RF ports.
2. Exposed pad in the bottom must be connected to
ground by via holes.
3. TX and RX ports can be used interchangeably.
Truth Table
State
VC1
VC2
ANT1
ANT2
1
0
1
TX
RX
2
1
0
RX
TX
‘1’ = +3V to +5V
‘0’ = 0V to +0.2V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com