Electronic Components Datasheet Search
  English  ▼

X  

HT48R063 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT48R063
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT48R063 Datasheet HTML 55Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 56Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 57Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 58Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 60Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 61Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 62Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.10
59
June 9, 2009
LCD Bias Control
The LCD COM driver enables a range of selections to be provided to suit the requirement of the LCD panel which is be-
ing used. The bias resistor choice is implemented using the ISEL1 and ISEL0 bits in the SCOMC register.
· SCOMC Register
Bit
76543210
Name
¾
ISEL1
ISEL0
SCOMEN
COM3EN
COM2EN
COM1EN
COM0EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
Reserved bit
1: Unpredictable operation - bit must NOT be set high
0: Correct level - bit must be reset to zero for correct operation
Bit 6,5
ISEL1, ISEL0: SCOM operating current selection (VDD=5V)
00: 25
mA
01: 50
mA
10: 100
mA
11: 200
mA
Bit 4
SCOMEN: SCOM module On/Off control
0: disable
1: enable
SCOMn can be enable by COMnEN if SCOMEN=1
Bit 3
COM3EN: PB3 or SCOM3 selection
0: GPIO
1: SCOM3
Bit 2
COM2EN: PB2 or SCOM2 selection
0: GPIO
1: SCOM2
Bit 1
COM1EN: PB1 or SCOM1 selection
0: GPIO
1: SCOM1
Bit 0
COM0EN: PB0 or SCOM0 selection
0: GPIO
1: SCOM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com