Electronic Components Datasheet Search
  English  ▼

X  

HT48R063 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT48R063
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT48R063 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R063 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.10
27
June 9, 2009
running but the WDT oscillator continues to free-run and
to keep the watchdog active. However, to preserve
power in certain applications the LIRC can be disabled
via a configuration option.
Operating Modes
By using the LXT low frequency oscillator in combina-
tion with a high frequency oscillator, the system can be
selected to operate in a number of different modes.
These Modes are Normal, Slow, Idle and Sleep.
Mode Types and Selection
The higher frequency oscillators provide higher perfor-
mance but carry with it the disadvantage of higher
power requirements, while the opposite is of course true
for the lower frequency oscillators. With the capability of
dynamically switching between fast and slow oscillators,
the device has the flexibility to optimise the perfor-
mance/power ratio, a feature especially important in
power sensitive portable applications.
· HT48R063/HT48R064/HT48R065/HT48R066
For these devices, if the LXT oscillator is used then
the internal RC oscillator, HIRC, must be used as the
high frequency oscillator. If the HXT or the ERC oscil-
lator is chosen as the high frequency system clock
then the LXT oscillator cannot be used for sharing the
same pins. The CLKMOD bit in the CTRL0 register
can be used to switch the system clock from the high
speed HIRC oscillator to the low speed LXT oscillator.
When the HALT instruction is executed and the device
enters the Idle/Sleep Mode the LXT oscillator will al-
ways continue to run. For these devices the LXT crys-
tal is connected to the OSC1/OSC2 pins and LXT will
always run (the LXTEN bit is not used).
Note that CLKMOD is only valid in HIRC+LXT oscilla-
tor configuration for HT48R063/HT48R064/
HT48R065/HT48R066.
· HT48R0662/HT48R067
For these devices the LXT oscillator can run together
with any of the high speed oscillators, namely the
HXT, ERC or the HIRC. The CLKMOD bit in the
CTRL0 register can be used to switch the system
clock from the selected high speed oscillator to the
low speed LXT oscillator. When the HALT instruction
is executed the LXT oscillator can be chosen to run or
not using the LXTEN bit in the CTRL2 register.
For all devices, when the system enters the Sleep or
Idle Mode, the high frequency system clock will al-
ways stop running. The accompanying tables shows
the relationship between the CLKMOD bit, the HALT
instruction and the high/low frequency oscillators. The
CLMOD bit can change normal or Slow Mode.
· Operating Mode Control
¨ HT48R063/HT48R064/HT48R065/HT48R066
Operating
Mode
OSC1/OSC2 Configuration
HXT
ERC
HIRC
HIRC + LXT
HIRC
LXT
Normal
Run
Run
Run
Run
Run
Slow
¾¾¾
Stop
Run
Sleep
Stop
Stop
Stop
Stop
Run
²¾² unimplemented
¨ HT48R0662/HT48R067
Operating
Mode
OSC1/OSC2
Configuration
XT1/XT2
Configuration
HXT
ERC HIRC
LXT
LXTEN=0 LXTEN=1
Normal
Run
Run
Run
Run
Run
Slow
Stop
Stop
Stop
Run
Run
Idle
Stop
Stop
Stop
Stop
Run
Sleep
Stop
Stop
Stop
Stop
Stop
H X T
E R C
H I R C
M U X
C o n f i g u r a t i o n o p t i o n
L X T
M U X
( S L O W )
( N o r m a l )
L I R C
M U X
T o w a t c h d o g t i m e r
f H X T
f E R C
f H I R C
f L X T
f L I R C
f S Y S
f S Y S / 4
C L K M O D
( D e t e r m i n e N o r m a l /
S l o w M o d e )
C o n f i g u r a t i o n o p t i o n
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com